Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54331DDAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331DDAR
Description  TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331DDAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54331DDAR Datasheet HTML 7Page - Texas Instruments TPS54331DDAR Datasheet HTML 8Page - Texas Instruments TPS54331DDAR Datasheet HTML 9Page - Texas Instruments TPS54331DDAR Datasheet HTML 10Page - Texas Instruments TPS54331DDAR Datasheet HTML 11Page - Texas Instruments TPS54331DDAR Datasheet HTML 12Page - Texas Instruments TPS54331DDAR Datasheet HTML 13Page - Texas Instruments TPS54331DDAR Datasheet HTML 14Page - Texas Instruments TPS54331DDAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
(
)
( )
( )
(
)
SS
ref
SS
SS
C
nF
V
V
T
ms
=
I
A
´
m
EN
START
EN
V
Ren2 =
V
- V
+ 1
A
Ren1
m
START
STOP
V
- V
Ren1 =
3
A
m
EN
1.25V
VIN
+
-
Ren1
Ren2
TPS54331
1
A
m
3
A
m
TPS54331
www.ti.com
SLVS839F – JULY 2008 – REVISED OCTOBER 2014
Feature Description (continued)
The TPS54331 device is disabled when the VIN pin voltage falls below the internal VIN UVLO threshold. Using
an external VIN UVLO to add hysteresis is recommended unless the VIN voltage is greater than (VOUT + 2 V). To
adjust the VIN UVLO with hysteresis, use the external circuitry connected to the EN pin as shown in Figure 9.
When the EN pin voltage exceeds 1.25 V, an additional 3
μA of hysteresis is added. Use Equation 1 and
Equation 2 to calculate the resistor values required for the desired VIN UVLO threshold voltages. The VSTOP
threshold should always be greater than 3.5 V.
Figure 9. Adjustable Input Undervoltage Lockout
where
VSTART is the input start threshold voltage
VSTOP is the input stop threshold voltage
(1)
where
VEN is the enable threshold voltage of 1.25 V
(2)
8.3.5 Programmable Slow Start Using SS Pin
Programming the slow-start time externally is highly recommended because no slow-start time is implemented
internally. The TPS54331 device effectively uses the lower voltage of the internal voltage reference or the SS pin
voltage as the reference voltage of the power supply that is fed into the error amplifier and regulates the output
accordingly. A capacitor (CSS) on the SS pin to ground implements a slow-start time. The TPS54331 device has
an internal pullup current-source of 2
μA that charges the external slow-start capacitor. Use Equation 3 to
calculate the slow-start time (10% to 90%).
where
Vref = 0.8 V
ISS = 2 μA
(3)
The slow-start time should be set between 1 ms to 10 ms to ensure good startup behavior. The value of the
slow-start capacitor should not exceed 27 nF.
During normal operation, the TPS54331 device stops switching if the input voltage drops below the VIN UVLO
threshold, the EN pin is pulled below 1.25 V, or a thermal shutdown event occurs.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54331


Similar Part No. - TPS54331DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54331DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231_15 Datasheet
667Kb / 31P
[Old version datasheet]   TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com