Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM66-603R9LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM66-603R9LF
Description  Miniature Low Profile, Shielded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66-603R9LF Datasheet(HTML) 1 Page - Bi technologies

  HM66-603R9LF Datasheet HTML 1Page - Bi technologies HM66-603R9LF Datasheet HTML 2Page - Bi technologies HM66-603R9LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Miniature Low Profile, Shielded
Surface Mount Inductors
Model HM66 Series
Make Possible
Magnetics
Features
OperatingTemperatureRange-40°Cto+125°C
AmbientTemperature,Maximum80°C
TemperatureRise,Maximum40°C
OperatingFrequencyUpto3MHz
RoHSCompliant
Specifications@25°C
Part Number
Inductance(1)
Nominal
μH ± 20%
DC
Resistance
Ω Max.
Rated (2)
Current
Amps
Figure
Part Number
Inductance(1)
Nominal
μH ± 20%
DC
Resistance
Ω Max.
Rated (2)
Current
Amps
Figure
HM66-101R5LF
1.5
0.055
1.55
1
HM66-30150LF
15
0.1490
0.76
2
HM66-102R2LF
2.2
0.072
1.20
1
HM66-30180LF
18
0.1660
0.72
2
HM66-103R3LF
3.3
0.085
1.10
1
HM66-30220LF
22
0.2350
0.70
2
HM66-104R7LF
4.7
0.105
0.90
1
HM66-30270LF
27
0.2610
0.58
2
HM66-105R6LF
5.6
0.140
0.80
1
HM66-30330LF
33
0.3780
0.56
2
HM66-106R8LF
6.8
0.170
0.73
1
HM66-30390LF
39
0.3837
0.50
2
HM66-10100LF
10
0.210
0.55
1
HM66-30470LF
47
0.5870
0.48
2
HM66-10150LF
15
0.295
0.45
1
HM66-30560LF
56
0.6245
0.41
2
HM66-10220LF
22
0.430
0.40
1
HM66-30680LF
68
0.6990
0.35
2
HM66-10330LF
33
0.675
0.32
1
HM66-30820LF
82
0.9148
0.32
2
HM66-151R5LF
1.5
0.055
1.55
2
HM66-30101LF
100
1.020
0.29
2
HM66-152R2LF
2.2
0.072
1.20
2
HM66-30121LF
120
1.270
0.27
2
HM66-153R3LF
3.3
0.085
1.10
2
HM66-30151LF
150
1.350
0.24
2
HM66-154R7LF
4.7
0.105
0.90
2
HM66-30181LF
180
1.540
0.22
2
HM66-156R8LF
6.8
0.170
0.73
2
HM66-404R1LF
4.1
0.057
1.95
2
HM66-15100LF
10
0.210
0.55
2
HM66-405R4LF
5.4
0.076
1.60
2
HM66-15150LF
15
0.295
0.45
2
HM66-406R2LF
6.2
0.096
1.40
2
HM66-15220LF
22
0.430
0.40
2
HM66-408R9LF
8.9
0.116
1.25
2
HM66-15330LF
33
0.675
0.32
2
HM66-40100LF
10
0.124
1.20
2
HM66-201R0LF
1.0
0.045
1.72
2
HM66-40120LF
12
0.153
1.10
2
HM66-202R2LF
2.2
0.075
1.32
2
HM66-40150LF
15
0.196
0.97
2
HM66-202R7LF
2.7
0.105
1.28
2
HM66-40180LF
18
0.210
0.85
2
HM66-203R3LF
3.3
0.110
1.04
2
HM66-40220LF
22
0.290
0.80
2
HM66-203R9LF
3.9
0.155
0.88
2
HM66-40270LF
27
0.330
0.75
2
HM66-204R7LF
4.7
0.162
0.84
2
HM66-40330LF
33
0.386
0.65
2
HM66-205R6LF
5.6
0.170
0.80
2
HM66-40390LF
39
0.520
0.57
2
HM66-206R8LF
6.8
0.200
0.76
2
HM66-40470LF
47
0.595
0.54
2
HM66-208R2LF
8.2
0.245
0.68
2
HM66-40560LF
56
0.665
0.50
2
HM66-20100LF
10
0.200
0.61
2
HM66-40680LF
68
0.840
0.43
2
HM66-20120LF
12
0.210
0.56
2
HM66-40820LF
82
0.978
0.41
2
HM66-20150LF
15
0.240
0.50
2
HM66-40101LF
100
1.200
0.36
2
HM66-20180LF
18
0.338
0.48
2
HM66-502R5LF
2.5
0.018
2.60
2
HM66-20220LF
22
0.397
0.41
2
HM66-503R0LF
3.0
0.024
2.40
2
HM66-20270LF
27
0.441
0.35
2
HM66-504R2LF
4.2
0.031
2.20
2
HM66-20330LF
33
0.694
0.32
2
HM66-505R3LF
5.3
0.038
1.90
2
HM66-20390LF
39
0.709
0.30
2
HM66-506R2LF
6.2
0.045
1.80
2
HM66-301R2LF
1.2
0.0236
2.56
2
HM66-508R2LF
8.2
0.053
1.60
2
HM66-301R8LF
1.8
0.0275
2.20
2
HM66-50100LF
10
0.065
1.30
2
HM66-302R2LF
2.2
0.0313
2.04
2
HM66-50120LF
12
0.076
1.20
2
HM66-302R7LF
2.7
0.0433
1.60
2
HM66-50150LF
15
0.103
1.10
2
HM66-303R3LF
3.3
0.0492
1.57
2
HM66-50180LF
18
0.110
1.00
2
HM66-303R9LF
3.9
0.0648
1.44
2
HM66-50220LF
22
0.122
0.90
2
HM66-304R7LF
4.7
0.0720
1.32
2
HM66-50270LF
27
0.175
0.85
2
HM66-305R6LF
5.6
0.1009
1.17
2
HM66-50330LF
33
0.189
0.75
2
HM66-306R8LF
6.8
0.1089
1.12
2
HM66-50390LF
39
0.212
0.70
2
HM66-308R2LF
8.2
0.1175
1.04
2
HM66-50470LF
47
0.260
0.62
2
HM66-30100LF
10
0.1283
1.00
2
HM66-50560LF
56
0.305
0.58
2
HM66-30120LF
12
0.1316
0.84
2
HM66-50680LF
68
0.355
0.52
2
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM66-603R9LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM66-603R9LF BITECH-HM66-603R9LF Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
More results

Similar Description - HM66-603R9LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com