Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C245A-25SC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C245A-25SC
Description  2K x 8 Reprogrammable Registered PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C245A-25SC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C245A-25SC Datasheet HTML 1Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 2Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 3Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 4Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 5Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 6Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 7Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 8Page - Cypress Semiconductor CY7C245A-25SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY7C245A
Document #: 38-04007 Rev. *D
Page 5 of 12
AC Test Loads and Waveforms[4, 5]
Switching Characteristics Over Operating Range[4, 5]
Parameter
Description
7C245A-15
7C245A-18
7C245A-35
7C245A-25
7C245A-35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tSA
Address Set-Up to Clock HIGH
15
18
25
35
45
ns
tHA
Address Hold from Clock HIGH
0
0
0
0
0
ns
tCO
Clock HIGH to Valid Output
10
12
12
15
25
ns
tPWC
Clock Pulse Width
10
12
15
20
20
ns
tSES
ES Set-Up to Clock HIGH
10
10
12
15
15
ns
tHES
ES Hold from Clock HIGH
5
5
5
5
5
ns
tDI
Delay from INIT to Valid Output
15
20
20
20
35
ns
tRI
INIT Recovery to Clock HIGH
10
12
15
20
20
ns
tPWI
INIT Pulse Width
10
12
15
20
25
ns
tCOS
Valid Output from Clock HIGH[8]
15
15
15
20
30
ns
tHZC
Inactive Output from Clock
HIGH[8]
15
15
15
20
30
ns
tDOE
Valid Output from E LOW[9]
12
15
15
20
30
ns
tHZE
Inactive Output from E HIGH[9]
15
15
15
20
30
ns
Notes:
8. Applies only when the synchronous (ES) function is used.
9. Applies only when the asynchronous (E) function is used.
3.0V
5V
OUTPUT
R1 250
R2
167
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
5ns
5 ns
5V
OUTPUT
5pF
INCLUDING
JIG AND
SCOPE
(b) High Z Load
OUTPUT
2.0V
Equivalent to:
TH ÉVENIN EQUIVALENT
100
R1 250
(a) Normal Load
R2
167
ALL INPUT PULSES


Similar Part No. - CY7C245A-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A-25JC CYPRESS-CY7C245A-25JC Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C245A-25PC CYPRESS-CY7C245A-25PC Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
More results

Similar Description - CY7C245A-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
STMicroelectronics
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
   HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com