Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4261-15JI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C4261-15JI
Description  16K/32K x 9 Deep Sync FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261-15JI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C4261-15JI Datasheet HTML 7Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 8Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 9Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 10Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 11Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 12Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 13Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 14Page - Cypress Semiconductor CY7C4261-15JI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CY7C4261
CY7C4271
Document #: 38-06015 Rev. *B
Page 11 of 18
Note:
21. tSKEW2 is the minimum time between a rising WCLK and a rising RCLK edge for PAE to change state during that clock cycle. If the time between the edge of WCLK and the rising
RCLK is less than tSKEW2, then PAE may not change state until the next RCLK.
22. PAE offset= n.
23. If a read is preformed on this rising edge of the read clock, there will be Empty + (n
−1) words in the FIFO when PAE goes LOW
24. If a write is performed on this rising edge of the write clock, there will be Full
− (m−1) words of the FIFO when PAF goes LOW.
25. PAF offset = m.
26. 16,384
− m words for CY7C4261, 32,768 − m words for CY7C4271.
27. tSKEW2 is the minimum time between a rising RCLK edge and a rising WCLK edge for PAF to change during that clock cycle. If the time between the rising edge of RCLK and
the rising edge of WCLK is less than tSKEW2, then PAF may not change state until the next WCLK.
Switching Waveforms (continued)
tENH
Programmable Almost Empty Flag Timing
WCLK
PAE
RCLK
tCLKH
tENS
tCLKL
tENS
tPAE
N + 1 WORDS
IN FIFO
tENH
tENS
tENH
tENS
tPAE
REN1,
REN2
WEN1
WEN2
(if applicable)
tESKEW2
Note
Note
[21]
22
23
Note
Note
tENH
Programmable Almost Full Flag Timing
WCLK
PAF
RCLK
tCLKH
tENS
FULL
− MWORDS
IN FIFO
tCLKL
tENS
FULL
− (M+1)WORDS
IN FIFO
tENH
tENS
tENH
tENS
tPAF
REN1,
REN2
WEN1
WEN2
(if applicable)
tSKEW2
tPAF
[26]
[27]
24
25


Similar Part No. - CY7C4261-15JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261-15JI CYPRESS-CY7C4261-15JI Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
More results

Similar Description - CY7C4261-15JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com