Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54357PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54357PWPR
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54357PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54357PWPR Datasheet HTML 6Page - Texas Instruments TPS54357PWPR Datasheet HTML 7Page - Texas Instruments TPS54357PWPR Datasheet HTML 8Page - Texas Instruments TPS54357PWPR Datasheet HTML 9Page - Texas Instruments TPS54357PWPR Datasheet HTML 10Page - Texas Instruments TPS54357PWPR Datasheet HTML 11Page - Texas Instruments TPS54357PWPR Datasheet HTML 12Page - Texas Instruments TPS54357PWPR Datasheet HTML 13Page - Texas Instruments TPS54357PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
10
Table 3.
SWITCHING FREQUENCY
SYNC PIN
RT PIN
250 kHz, internally set
Generates SYNC output signal
AGND
500 kHz, internally set
Generates SYNC output signal
Float
Externally set to 250 kHz to 700 kHz
Terminate to quiet ground
with 10-k
Ω resistor.
R = 215 k
Ω to 69 kΩ
Externally synchronized frequency
Synchronization Signal
Set RT resistor equal to 90% to 110% of external synchronization
frequency.When using a dual setup (see Figure 27 for example),
if the master 35x device RT pin is left floating, use a 110 k
resistor to tie the slave RT pin to ground. Conversely, if the master
35x device RT pin is grounded, use a 237 k
Ω resistor to tie the
slave RT pin to ground.
180
5 Out of Phase Synchronization (SYNC)
The SYNC pin is configurable as an input or as an output,
per the description in the previous section. When
operating as an input, the SYNC pin is a falling-edge
triggered signal (see Figures 3, 4, and 19). When operating
as an output, the signal’s falling edge is approximately
180
° out of phase with the rising edge of the PH pins. Thus,
two TPS5435x devices operating in a system can share an
input capacitor and draw ripple current at twice the
frequency of a single unit.
When operating the two TPS5435x devices 180
° out of
phase, the total RMS input current is reduced. Thus
reducing the amount of input capacitance needed and
increasing efficiency.
When synchronizing a TPS5435x to an external signal, the
timing resistor on the RT pin must be set so that the
oscillator is programmed to run at 90% to 110% of the
synchronization frequency.
VI(SYNC)
VO(PH)
Figure 3. SYNC Input Waveform


Similar Part No. - TPS54357PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54357PWP TI-TPS54357PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results

Similar Description - TPS54357PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com