Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54362-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54362-Q1
Description  TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54362-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS54362-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
OV_TH
RST_TH
COMP
SS
VSENSE
PH
BOOT
VReg
Rslew
V
(Vreg)
VIN
LPM
VIN
EN
SYNC
RST
GND
RT
Cdly
V
(VIN)
TPS54362x-Q1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS54362-Q1
SLVS845G – MARCH 2009 – REVISED AUGUST 2014
TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
1 Features
2 Applications
1
Qualified for Automotive Applications
Automotive Telematics
AEC-Q100 Qualified With the Following Results:
Navigation Systems
In-Dash Instrumentation
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature
Battery-Powered Applications
Device HBM ESD Classification Level 2
3 Description
Device CDM ESD Classification Level C5
The TPS54362-Q1 device is a step-down switch-
Withstands Transients up to 60 V With an
mode power supply with a low-power mode and a
Operating Range of 3.6 V to 48 V
programmable voltage supervisor. Integrated input
Asynchronous Switch-Mode Regulator With
voltage-line
feed-forward
topology
improves
line
External Components (L and C), Load Current up
transient
regulation
of
the
voltage-mode
buck
to 3 A (max.)
regulator. The regulator has a cycle-by-cycle current
limit. Pulse-skip mode operation under no load
0.8 V ± 1.5% Voltage Reference
reduces the supply current to 65
μA. Using the
200-kHz to 2.2-MHz Switching Frequency
enable pin reduces the supply shutdown current to
High-Voltage-Tolerant Enable Input for ON/OFF
1
μA.
State
An open-drain reset signal indicates when the
Soft Start on Enable Cycle
nominal output drops below the threshold set by an
Slew-Rate Control on Internal Power Switch
external
resistor-divider
network.
A
soft-start
capacitor controls the output voltage start-up ramp.
External Clock Input for Synchronization
The
device
activates
an
internal
undervoltage
Pulse-Skip Mode (PFM) During Light Output
shutdown when the input supply ramps down to
Loads With Quiescent Current = 65
μA Typical
2.6 V.
(LPM Operation)
Frequency foldback operation protects the device
External Compensation for Wide-Bandwidth Error
during an overload conditions on the output. The
Amplifier
device also has thermal shutdown protection due to
Internal Undervoltage Lockout, UVLO
excessive power dissipation.
Programmable Reset Power-On Delay
The B-revision has an improved leakage current
Reset-Function Filter Time for Fast Negative
parameter, and improved discharged function while in
Transients
disable mode.
Programmable Overvoltage Output Monitoring
Device Information(1)
Programmable Undervoltage Output Monitoring,
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Issuance of Reset if Output Falls Below Threshold
TPS54362-Q1
HTSSOP (20)
6.50 mm × 4.40 mm
Thermal Shutdown During Excessive Power
(1) For all available packages, see the orderable addendum at
Dissipation
the end of the datasheet.
Switch Current-Limit Protection
Simplified Schematic
Short-Circuit and Overcurrent Protection of FET
Junction Temperature Range: –40°C to 150°C
20-Pin HTSSOP PowerPAD™ Package
Qualified for Automotive Applications
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54362-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
More results

Similar Description - TPS54362-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
TPS54262-Q1 TI-TPS54262-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TPS54262-Q1 Automotive 2-A 60-V Step-Down DC-DC Converter With Low I(q) and
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
   3 A, DC/DC Step-Down Converter
logo
Texas Instruments
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com