Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SACB7.0 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SACB7.0
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SACB7.0 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SACB7.0 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SACB7.0 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SACB7.0 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
SACB Series
5.0 To 50 V
500W
Low Capacitance
The SACB series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient
voltage events.
Uni-directional
u
Glass passivated chip
u
500W peak pulse power capability with a 10/1000
µs waveform,
repetitive rate (duty cycle): 0.01%
u
Low leakage
u
Excellent clamping capability
u
Very fast response time
u
RoHS compliant
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other
vulnerable circuits used in Telecom, Computer, Industrial and Consumer
electronic applications.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000
µs waveform
(1)
PPPM
500
Watts
Peak Pulse Current with a 10/1000
µs waveform.(Fig.2)
(1)
IPP
See Next Table
Amps
Power Dissipation on Infinite Heat Sink at TL=75°C (Fig.2)
PM(AV)
3.0
Watt
Operating junction and Storage Temperature Range
TJ , TSTG
-55 to +150
°C
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25
°C per Fig. 2
Breakdown
Voltage VBR
@IT=1.0mA
(V)
Part
Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
Maximum
Reverse
Leakage
IR
@VRWM
(
μA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Junction
Capacitance
@0V
(pF)
Working
Inverse
Blocking
Voltage
VWIB
(V)
Inverse
Blocking
Leakage
Current
IIB
@VWIB
(mA)
Peak
Inverse
Voltage
VPIB
(V)
SACB5.0
SAD
5.0
7.60
300
10.0
44.0
45
75
1
100
SACB6.0
SAE
6.0
7.90
300
11.2
41.0
45
75
1
100
SACB7.0
SAF
7.0
8.33
300
12.6
38.0
45
75
1
100
SACB8.0
SAG
8.0
8.89
100
13.4
36.0
45
75
1
100
SACB8.5
SAH
8.5
9.44
50
14.0
34.0
45
75
1
100
SACB10
SAK
10.0
11.10
5
16.3
29.0
45
75
1
100
SACB12
SAL
12.0
13.30
5
19.0
25.0
45
75
1
100
SACB15
SAM
15.0
16.67
5
23.6
20.0
45
75
1
100
SACB18
SAN
18.0
20.00
5
28.8
15.0
45
75
1
100
SACB22
SAP
22.0
24.40
5
35.4
14.0
45
75
1
100
SACB26
SAQ
26.0
28.90
5
42.3
11.1
45
75
1
100
SACB30
SAR
30.0
33.30
5
48.6
10.0
45
75
1
100
SACB36
SAS
36.0
40.00
5
60.0
8.6
45
75
1
100
SACB45
SAT
45.0
50.00
5
77.0
6.8
45
150
1
200
SACB50
SAU
50.0
55.50
5
88.0
5.8
45
150
1
200
Electrical Characteristics
(TA=25℃ unless otherwise noted)
Maximum Ratings
(TA=25℃ unless otherwise noted)
Applications
Description
Features
www.yfwdiode.com


Similar Part No. - SACB7.0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SACB7.0 LITTELFUSE-SACB7.0 Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
SACB7.0 LITTELFUSE-SACB7.0 Datasheet
3Mb / 146P
   TVS Diode Products
logo
Socay Electornics Co., ...
SACB7.0 SOCAY-SACB7.0 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
PACELEADER INDUSTRIAL
SACB7.0 PACELEADER-SACB7.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SACB7.0 SPSEMI-SACB7.0 Datasheet
523Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE5.0 - 50 Volts
More results

Similar Description - SACB7.0

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com