Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54394 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54394
Description  3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54394 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54394_16 Datasheet HTML 7Page - Texas Instruments TPS54394_16 Datasheet HTML 8Page - Texas Instruments TPS54394_16 Datasheet HTML 9Page - Texas Instruments TPS54394_16 Datasheet HTML 10Page - Texas Instruments TPS54394_16 Datasheet HTML 11Page - Texas Instruments TPS54394_16 Datasheet HTML 12Page - Texas Instruments TPS54394_16 Datasheet HTML 13Page - Texas Instruments TPS54394_16 Datasheet HTML 14Page - Texas Instruments TPS54394_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
I
= 1 A
O
0
2
4
6
8
10
12
14
16
18
20
V - Input Voltage - V
I
400
450
500
550
600
650
700
750
800
0.01
0.1
1
10
I - Output Current - A
O
0
100
200
300
400
500
600
700
800
V
= 12 V
IN
0
2
4
6
8
10
12
14
16
18
20
V - Input Voltage - V
I
400
450
500
550
600
650
700
750
800
I
= 1 A
O
0
10
20
30
40
50
60
70
80
90
100
0.001
0.1
10
I - Output Current - A
O
0.01
1
V
= 6 V
IN
V
= 12 V
IN
V
= 18 V
IN
0
10
20
30
40
50
60
70
80
90
100
0.001
0.1
10
I - Output Current - A
O
V
= 6 V
IN
V
= 12 V
IN
V
= 18 V
IN
0.01
1
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
I - Output Current - A
O
V
= 5 V
IN
V
= 12 V
IN
V
= 18 V
IN
TPS54394
www.ti.com
SLVSBE6B – JUNE 2012 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
One output is enabled unless otherwise noted. VI = VIN1 or VIN2. VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 13. VO1=3.3V, Efficiency vs Output Current
Figure 14. VO2=1.5V, Efficiency vs Output Current
Figure 15. VO2=1.5V, Efficiency vs Output Current
Figure 16. VO1=3.3V, SW-frequency vs Input Voltage
Figure 17. VO2=1.5V, SW-frequency vs Input Voltage
Figure 18. VO1=3.3V, SW-frequency vs Output Current
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TPS54394


Similar Part No. - TPS54394_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54394_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com