Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54615MPWPREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54615MPWPREP
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54615MPWPREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54615MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 12Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 13Page - Texas Instruments TPS54615MPWPREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
OUTPUT FILTER
GROUNDING AND POWERPAD LAYOUT
LAYOUT CONSIDERATIONS FOR THERMAL PERFORMANCE
Connect Pin 1 to Analog Ground Plane
in This Area for Optimum Performance
Minimum Recommended Top
Side Analog Ground Area
0.3478
0.0150
0.06
0.0256
0.1700
0.1340
0.0630
0.0400
Ø 0.0180
4 PL
0.2090
Ø 0.0130
8 PL
Minimum Recommended Exposed
Copper Area for Powerpad. 5mm
Stencils May Require 10 Percent
Larger Area
0.0650
0.0500
0.0500
0.0650
0.0339
0.0339
0.0500
Minimum Recommended Thermal Vias: 8 x 0.013 Diameter Inside
Powerpad Area 4 x 0.018 Diameter Under Device as Shown.
Additional 0.018 Diameter Vias May Be Used if Top Side Analog Ground
Area Is Extended.
0.3820
TPS54611-EP, TPS54612-EP
TPS54613-EP, TPS54614-EP
TPS54615-EP, TPS54616-EP
SGLS293A – FEBRUARY 2005 – REVISED AUGUST 2005
APPLICATION INFORMATION (continued)
The output filter is composed of a 5.2-µH inductor and a 470-µF capacitor. The inductor is low dc resistance
(16-m
Ω) type, Sumida CDRH104R-5R2. The capacitor used is a 4-V POSCAP with a maximum ESR of 40 mΩ.
The output filter components work with the internal compensation network to provide a stable closed loop
response for the converter.
The TPS54611-16 have two internal grounds (analog and power). Inside the TPS54611-16, the analog ground
ties to all of the noise sensitive signals, while the power ground ties to the noisier power signals. The PowerPAD
is tied internally to the analog ground. Noise injected between the two grounds can degrade the performance of
the TPS54611-16, particularly at higher output currents. However, ground noise on an analog ground plane can
also cause problems with some of the control and bias signals. For these reasons, separate analog and power
ground planes are recommended. These two planes should tie together directly at the IC to reduce noise
between the two grounds. The only components that should tie directly to the power ground plane are the input
capacitor, the output capacitor, the input voltage decoupling capacitor, and the PGND pins of the TPS54611-16.
The layout of the TPS54614 evaluation module is representative of a recommended layout for a 4-layer board.
Documentation for the TPS54614 evaluation module can be found on the Texas Instruments web site
(www.ti.com) under the TPS54614 product folder. See the TPS54614-185 User's Guide (SLVU053) and the
application note (SLVA105).
For operation at full rated load current, the analog ground plane must provide adequate heat dissipating area. A
3 inch by 3 inch plane of 1 ounce copper is recommended, though not mandatory, depending on ambient
temperature and airflow. Most applications have larger areas of internal ground plane available, and the
PowerPAD should be connected to the largest area available. Additional areas on the top or bottom layers also
help dissipate heat, and any area available should be used when 3 A or greater operation is desired. Connection
from the exposes area of the PowerPAD to the analog ground plane layer should be made using 0.013 inch
diameter vias to avoid solder wicking through the vias. Six vias should be in the PowerPAD area with four
additional vias located under the device package. The size of the vias under the package, but not in the exposed
thermal pad area, can be increased to 0.018. Additional vias beyond the 10 recommended that enhance thermal
performance should be included in areas not under the device package.
Figure 11. Recommended Land Pattern for 28-Pin PWP PowerPAD
10


Similar Part No. - TPS54615MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54615MPWPREP TI1-TPS54615MPWPREP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54615MPWPREP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com