Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54673PWPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54673PWPRG4
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54673PWPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54673PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS54673PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS54673
SLVS433A − SEPTEMBER 2002 − REVISED FEBRUARY 2005
3V TO 6V INPUT, 6A OUTPUT SYNCHRONOUS BUCK
SWITCHER WITH DISABLED SINKING DURING START UP
6,4 mm X 9,7 mm
Typical Size
FEATURES
D 30-mΩ, 12-A Peak MOSFET Switches for High
Efficiency at 6-A Continuous Output Source
or Sink Current
D Disabled Current Sinking During Start-Up
D 0.9-V to 3.3-V Adjustable Output Voltage
Range With 1.0% Accuracy
D Wide PWM Frequency:
Fixed 350 kHz, 550 kHz or
Adjustable 280 kHz to 700 kHz
D Synchronizable to 700 kHz
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Component Count
APPLICATIONS
D Low-Voltage, High-Density Distributed Power
Systems
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
D Broadband, Networking and Optical
Communications Infrastructure
D Power PC Series Processors
DESCRIPTION
As a member of the SWIFT
 family of dc/dc regulators,
the TPS54673 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage
error
amplifier
that
enables
maximum
performance and flexibility in choosing the output filter
L and C components; an under-voltage-lockout circuit
to prevent start-up until the input voltage reaches 3 V;
an internally or externally set slow-start circuit to limit
in-rush currents; and a power good output useful for
processor/logic reset, fault signaling, and supply
sequencing.
For reliable power up in output precharge applications,
the TPS54673 is designed to only source current during
startup.
The TPS54673 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD
 package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT
 designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.
VIN
PH
BOOT
PGND
VSENSE
Core Supply
COMP
AGND
VBIAS
I/O Supply
TPS54673
**
* Optional
5.0 ms/div
START UP WAVEFORM
VO = 2.5 V
VI = 3.3 V
RL = 2 Ω
TYPICAL APPLICATION
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD and SWIFT are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 − 2005, Texas Instruments Incorporated


Similar Part No. - TPS54673PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54673 TI-TPS54673 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54673 TI-TPS54673 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54673PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com