Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV103H Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV103H
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV103H Datasheet(HTML) 5 Page - Texas Instruments

  DRV103H Datasheet HTML 1Page - Texas Instruments DRV103H Datasheet HTML 2Page - Texas Instruments DRV103H Datasheet HTML 3Page - Texas Instruments DRV103H Datasheet HTML 4Page - Texas Instruments DRV103H Datasheet HTML 5Page - Texas Instruments DRV103H Datasheet HTML 6Page - Texas Instruments DRV103H Datasheet HTML 7Page - Texas Instruments DRV103H Datasheet HTML 8Page - Texas Instruments DRV103H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DRV103
5
SBVS029A
TYPICAL CHARACTERISTICS
At TC = +25°C and VS = +24V, unless otherwise noted.
V
OUT & IOUT WAVEFORMS
SOLENOID LOAD
On
On
Off
I
AVG
PWM Mode
Delay
Pull-In
3
2
1
0
50
Time (ms)
100
0
+V
S
0
0
+V
S
R
L
V
OUT & IOUT WAVEFORMS
RESISTIVE LOAD
On
Off
I
AVG
PWM Mode
Delay
3
2
1
0
50
Time (ms)
100
0
+V
S
0
0
+V
S
R
L
CURRENT LIMIT SHUTDOWN WAVEFORMS
On
OK
OK
OK
OK
Off
Off
F
PWM = 25kHz
DC = 50%
Delay = 150
µs
Reset Period = 1/F
PWM
5
0
24
0
24
0
50
Time (
µs)
100
0
V
IN
V
OUT
I
O = 0A
I
O = 3.5A
OK
Status
OK
Flag
Reset Period
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–10
–60
40
90
140
QUIESCENT CURRENT
vs JUNCTION TEMPERATURE
Temperature (
°C)
32V
8V to 24V
40V (Absolute Maximum)
3.8
3.7
3.6
3.5
3.4
3.3
–10
–60
40
90
140
CURRENT LIMIT
vs JUNCTION TEMPERATURE
Temperature (
°C)
150
145
140
135
130
125
120
115
110
105
100
–10
–60
40
90
140
DELAY vs JUNCTION TEMPERATURE
Temperature (
°C)
C
D = 0.1µF
+V
S = 8V
+V
S = 30V
+V
S = 24V
+V
S = 40V (Absolute Maximum)


Similar Part No. - DRV103H

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV103H BURR-BROWN-DRV103H Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103H TI-DRV103H Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
logo
Burr-Brown (TI)
DRV103H/2K5 BURR-BROWN-DRV103H/2K5 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103H/2K5G3 BURR-BROWN-DRV103H/2K5G3 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103H2K5 TI-DRV103H2K5 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
More results

Similar Description - DRV103H

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV110A-Q1 TI1-DRV110A-Q1 Datasheet
831Kb / 21P
[Old version datasheet]   120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves
logo
Toshiba Semiconductor
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
   LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com