Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54810PWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54810PWPR
Description  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54810PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54810PWPR Datasheet HTML 7Page - Texas Instruments TPS54810PWPR Datasheet HTML 8Page - Texas Instruments TPS54810PWPR Datasheet HTML 9Page - Texas Instruments TPS54810PWPR Datasheet HTML 10Page - Texas Instruments TPS54810PWPR Datasheet HTML 11Page - Texas Instruments TPS54810PWPR Datasheet HTML 12Page - Texas Instruments TPS54810PWPR Datasheet HTML 13Page - Texas Instruments TPS54810PWPR Datasheet HTML 14Page - Texas Instruments TPS54810PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS54810
SLVS420B − MARCH 2002 − R EVISED FEBRUARY 2005
www.ti.com
11
LAYOUT CONSIDERATIONS FOR THERMAL
PERFORMANCE
For operation at full rated load current, the analog ground
plane must provide adequate heat dissipating area. A 3
inch by 3 inch plane of 1 ounce copper is recommended,
though not mandatory, depending on ambient temperature
and airflow. Most applications have larger areas of internal
ground plane available, and the PowerPAD should be
connected to the largest area available. Additional areas
on the top or bottom layers also help dissipate heat, and
any area available should be used when 8 A or greater
operation is desired. Connection from the exposes area of
the PowerPAD to the analog ground plane layer should be
made using 0.013 inch diameter vias to avoid solder
wicking through the vias. Eight vias should be in the
PowerPAD area with four additional vias located under the
device package. The size of the vias under the package,
but not in the exposed thermal pad area, can be increased
to 0.018. Additional vias beyond the twelve recommended
that enhance thermal performance should be included in
areas not under the device package.
Connect Pin 1 to Analog Ground Plane
in This Area for Optimum Performance
Minimum Recommended Top
Side Analog Ground Area
0.3478
0.0150
0.06
0.0256
0.1700
0.1340
0.0630
0.0400
Ø0.0180
4 PL
0.2090
Ø0.0130
8 PL
Minimum Recommended Exposed
Copper Area for Powerpad. 5-mil
Stencils May Require 10 Percent
Larger Area
0.0650
0.0500
0.0500
0.0650
0.0339
0.0339
0.0500
Minimum Recommended Thermal Vias: 8 x 0.013 Diameter Inside
Powerpad Area 4 x 0.018 Diameter Under Device as Shown.
Additional 0.018 Diameter Vias May Be Used if Top Side Analog Ground
Area Is Extended.
0.3820
Figure 11. Recommended Land Pattern for the 28−Pin PWP PowerPAD


Similar Part No. - TPS54810PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810PWP TI-TPS54810PWP Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
More results

Similar Description - TPS54810PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com