Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54900PWG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54900PWG4
Description  PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54900PWG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54900PWG4 Datasheet HTML 1Page - Texas Instruments TPS54900PWG4 Datasheet HTML 2Page - Texas Instruments TPS54900PWG4 Datasheet HTML 3Page - Texas Instruments TPS54900PWG4 Datasheet HTML 4Page - Texas Instruments TPS54900PWG4 Datasheet HTML 5Page - Texas Instruments TPS54900PWG4 Datasheet HTML 6Page - Texas Instruments TPS54900PWG4 Datasheet HTML 7Page - Texas Instruments TPS54900PWG4 Datasheet HTML 8Page - Texas Instruments TPS54900PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TPS54900
SLVS405 − OCTOBER 2001
2
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VIN
−0.3 V to 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, EN, CBS, FB0, FB1, FB2, FB3
−0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, SCLK, SDI, SFS
−0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range‡, LX0, LX1, LX2, LX3
−0.5 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, SDO
−0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature, TJ
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead soldering temperature, 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages values are with respect to device GND terminal.
DISSIPATION RATING TABLE−FREE-AIR TEMPERATURES§
PACKAGE
AIR FLOW
(CFM)
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PW
0
500 mW
5 mW/
°C
275 mW
200 mW
§ Low-K PWB
recommended operating conditions (unless otherwise noted)
MIN
NOM
MAX
UNITS
Supply voltage, VIN
14.25
15
16
V
Output current, LX0, LX1, LX2, LX3
20
100
mA
Synchronized PWM frequency (see Note 1)
552
kHz
Inductor
200
225
250
µH
Output capacitor
10
µF
Operating junction temperature, TJ
−40
125
°C
NOTE 1: Synchronized PWM frequency equal to one eighth of SCLK frequency.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
I(qq)
VI disable current
EN > VIH, all outputs software disabled
1.7
2.16
mA
I(q)
VI quiescent current
EN pin < VIL
0.7
1
mA
CUMULATIVE REGULATION
Regulation accuracy
Voltage codes 12.3 V, 12.7 V, 13.1 V
−2%
2%
Regulation accuracy
Voltage codes < 12.3 V
−2.5%
2.5%
OSCILLATOR
f(osc)
Free-run frequency
350
450
550
kHz
f(sync)
Sync frequency range
f(sync) = SCLK / 8
550
750
kHz
Phase stagger count
Phase difference after initialization command
(see Note 2)
4
SCLK
UVLO
V(UVLO)
Undervoltage lockout threshold
13
13.5
V
Vhys(UVLO)
UVLO hysteresis
1.3
1.45
1.6
V
NOTE 2: Ensured by design


Similar Part No. - TPS54900PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900PW TI-TPS54900PW Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWR TI-TPS54900PWR Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Similar Description - TPS54900PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-B0 TI-LP8758-B0_15 Datasheet
1Mb / 55P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com