Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54910PWPG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54910PWPG4
Description  3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54910PWPG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54910PWPG4 Datasheet HTML 5Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 6Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 9Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 10Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 11Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 12Page - Texas Instruments TPS54910PWPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TPS54910
SLVS421C − MARCH 2002 − REVISED FEBRUARY 2005
www.ti.com
9
OUTPUT FILTER
The output filter is composed of a 0.65-µH inductor and
3 x 22-µF capacitor. The inductor is a low dc-resistance
(.017 Ω) type, Pulse Engineering PA0277. The capacitors
used are 22-µF, 6.3-V ceramic types with X5R dielectric.
The feedback loop is compensated so that the unity gain
frequency is approximately 75 kHz.
PCB LAYOUT
Figure 11 shows a generalized PCB layout guide for the
TPS54910. The VIN pins should be connected together on
the printed circuit board (PCB) and bypassed with a low
ESR ceramic bypass capacitor. Care should be taken to
minimize the loop area formed by the bypass capacitor
connections, the VIN pins, and the TPS54910 ground
pins. The minimum recommended bypass capacitance is
10 µF ceramic with a X5R or X7R dielectric and the
optimum placement is closest to the VIN pins and the
PGND pins.
The TPS54910 has two internal grounds (analog and
power). The analog ground ties to all of the noise−sensitive
signals, while the power ground ties to the noisier power
signals. Noise injected between the two grounds can
degrade the performance of the TPS54910, particularly at
higher output currents. Ground noise on an analog ground
plane can also cause problems with some of the control
and bias signals. For these reasons, separate analog and
power ground traces are recommended. There should be
an area of ground on the top layer directly under the IC,
with an exposed area for connection to the PowerPAD.
Use vias to connect this ground area to any internal ground
planes. Use additional vias at the ground side of the input
and output filter capacitors as well. The AGND and PGND
pins should be tied to the PCB ground by connecting them
to the ground area under the device as shown. The only
components that should tie directly to the power ground
plane are the input capacitors, the output capacitors, the
input voltage decoupling capacitor, and the PGND pins of
the TPS54910. Use a separate wide trace for the analog
ground signal path. This analog ground should be used for
the voltage set point divider, timing resistor RT, slow start
capacitor, and bias capacitor grounds. Connect this trace
directly to AGND (Pin 1).
The PH pins should be tied together and routed to the
output inductor. Since the PH connection is the switching
node, the inductor should be located very close to the PH
pins and the area of the PCB conductor minimized to
prevent excessive capacitive coupling.
Connect the boot capacitor between the phase node and
the BOOT pin as shown. Keep the boot capacitor close to
the IC and minimize the conductor trace lengths.
Connect the output filter capacitor(s) as shown between
the VOUT trace and PGND. It is important to keep the loop
formed by the PH pins, Lout, Cout and PGND as small as
practical.
Place the compensation components from the VOUT trace
to the VSENSE and COMP pins. Do not place these
components too close to the PH trace. Due to the size of
the IC package and the device pinout, the components will
have to be routed somewhat close, but maintain as much
separation as possible while still keeping the layout
compact.
Connect the bias capacitor from the VBIAS pin to analog
ground using the isolated analog ground trace. If a
slow−start capacitor or RT resistor is used, or if the SYNC
pin is used to select 350 kHz operating frequency, connect
them to this trace as well.


Similar Part No. - TPS54910PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910PWP TI-TPS54910PWP Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54910PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54980 TI-TPS54980 Datasheet
249Kb / 17P
[Old version datasheet]   3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com