Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS542941PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS542941PWPR
Description  2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS542941PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS542941PWPR Datasheet HTML 1Page - Texas Instruments TPS542941PWPR Datasheet HTML 2Page - Texas Instruments TPS542941PWPR Datasheet HTML 3Page - Texas Instruments TPS542941PWPR Datasheet HTML 4Page - Texas Instruments TPS542941PWPR Datasheet HTML 5Page - Texas Instruments TPS542941PWPR Datasheet HTML 6Page - Texas Instruments TPS542941PWPR Datasheet HTML 7Page - Texas Instruments TPS542941PWPR Datasheet HTML 8Page - Texas Instruments TPS542941PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS542941
www.ti.com
SLVSBI3B – JULY 2012 – REVISED OCTOBER 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
VALUES
UNIT
MIN
MAX
Supply input voltage range
VIN1, VIN2
4.5
18
V
VBST1, VBST2
–0.1
24
VBST1, VBST2 (10ns transient)
–0.1
27
VBST1–SW1, VBST2–SW2
–0.1
5.7
Input voltage range
VFB1, VFB2
–0.1
5.7
V
EN1, EN2
–0.1
18
SW1, SW2
–1.0
18
SW1, SW2 (10ns transient)
–3
21
VREG5, PG1 , PG2
–0.1
5.7
Output voltage range
V
PGND1, PGND2
–0.1
0.1
TA
Operating free-air temperature
–40
85
°C
TJ
Operating Junction Temperature
–40
150
°C
ELECTRICAL CHARACTERISTICS
(1)
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TA = 25°C, EN1 = EN2 = 5 V,
IIN
VIN supply current
1300
2000
µA
VFB1 = VFB2 = 0.8 V
IVINSDN
VIN shutdown current
TA = 25°C,
80
150
µA
FEEDBACK VOLTAGE
VVFBTHLx
VFBx threshold voltage
TA = 25°C, CH1 = 3.3 V, CH2 = 1.5 V
758
765
773
mV
TCVFBx
Temperature coefficient
On the basis of 25°C(2)
–115
115
ppm/
IVFBx
VFB Input Current
VFBx = 0.8 V, TA = 25°C
–0.4
0.2
0.4
µA
VREG5 OUTPUT
TA = 25°C, 6 V < VIN1 < 18 V,
VVREG5
VREG5 output voltage
5.5
V
IVREG = 5 mA
VIN1 = 6 V, VREG5 = 4.0 V,
IVREG5
Output current
75
mA
TA = 25°C
(2)
MOSFETs
rDS(on)H
High side switch resistance
TA = 25℃, VBSTx-SWx = 5.5 V
(2)
150
m
Ω
rDS(on)L
Low side switch resistance
TA = 25℃
(2)
100
m
Ω
ON-TIME TIMER CONTROL
TON1
SW1 On Time
SW1 = 12 V, VO1 = 1.2 V
165
ns
TON2
SW2 On Time
SW2 = 12 V, VO2 = 1.2 V
165
ns
TOFF1
SW1 Min off time
TA = 25℃, VFB1 = 0.7 V
(2)
220
ns
TOFF2
SW2 Min off time
TA = 25℃, VFB2 = 0.7 V
(2)
220
ns
SOFT START
TSS
Soft-start time
Internal soft-start time
1.0
ms
(1)
x means either 1 or 2, that is, VFBx means VFB1 or VFB2.
(2)
Specified by design. Not production tested.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS542941


Similar Part No. - TPS542941PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542941PWPR TI1-TPS542941PWPR Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS542941PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI-TPS542941_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com