Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25100SXC-XXXWT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY25100SXC-XXXWT
Description  Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100SXC-XXXWT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY25100SXC-XXXWT Datasheet HTML 1Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 2Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 3Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 4Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 5Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 6Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 7Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 8Page - Cypress Semiconductor CY25100SXC-XXXWT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Field- and Factory-Programmable Spread Spectrum
Clock Generator for EMI Reduction
CY25100
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07499 Rev. *D
Revised March 24, 2004
Features
• Wide operating output (SSCLK) frequency range
— 3–200 MHz
• Programmable spread spectrum with nominal 31.5-kHz
modulation frequency
— Center spread: ±0.25% to ±2.5%
— Down spread: –0.5% to –5.0%
• Input frequency range
— External crystal: 8–30 MHz fundamental crystals
— External reference: 8–166 MHz Clock
• Integrated phase-locked loop (PLL)
• Field-programmable
— CY25100SCF and CY25100SIF, 8-pin SOIC
— CY25100ZCF and CY25100ZIF, 8-pin TSSOP
• Programmable crystal load capacitor tuning array
• Low cycle-to-cycle jitter
• 3.3V operation
• Commercial and Industrial operation
• Spread Spectrum On/Off function
• Power-down or Output Enable function
Benefits
• Services most PC peripherals, networking, and consumer
applications.
• Provides wide range of spread percentages for maximum
electromagnetic interference (EMI) reduction, to meet
regulatory agency electromagnetic compliance (EMC)
requirements. Reduces development and manufacturing
costs and time-to-market.
• Eliminates the need for expensive and difficult to use
higher-order crystals.
• Internal PLL to generate up to 200-MHz output. Able to
generate custom frequencies from an external crystal or a
driven source.
• In-house programming of samples and prototype quantities
is available using the CY3672 programming kit and
CY3690 (TSSOP) or CY3691 (SOIC) socket adapter.
Production quantities are available through Cypress’s
value-added distribution partners or by using third-party
programmers from BP Microsystems, HiLo Systems, and
others.
• Enables fine-tuning of output clock frequency by adjusting
CLoad of the crystal. Eliminates the need for external CLoad
capacitors.
• Suitable for most PC, consumer, and networking applica-
tions
• Application compatibility in standard and low-power
systems
• Provides ability to enable or disable spread spectrum with
an external pin.
• Enables low-power state or output clocks to High-Z state.
Logic Block Diagram
PLL
with
MODULATION
CONTROL
PROGRAMMABLE
CONFIGURATION
OUTPUT
DIVIDERS
and
MUX
3
2
4
8
1
5
7
6
VDD
VSS
REFCLK
SSCLK
XOUT
XIN
PD# or OE
SSON#
RFB
CXOUT
CXIN
4
8
VDD
6
7
VSS
REFCLK
SSON#
1
2
3
XOUT
XIN/CLKIN
PD#/OE
SSCLK
5
Pin Configuration
CY25100
8-pin SOIC/TSSOP


Similar Part No. - CY25100SXC-XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100SXC-XXXWT CYPRESS-CY25100SXC-XXXWT Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100SXC-XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com