Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM66A-1050270NLF Datasheet(PDF) 1 Page - Bi technologies

Part # HM66A-1050270NLF
Description  Shielded Surface Mount Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66A-1050270NLF Datasheet(HTML) 1 Page - Bi technologies

  HM66A-1050270NLF Datasheet HTML 1Page - Bi technologies HM66A-1050270NLF Datasheet HTML 2Page - Bi technologies HM66A-1050270NLF Datasheet HTML 3Page - Bi technologies HM66A-1050270NLF Datasheet HTML 4Page - Bi technologies HM66A-1050270NLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Case Size
A (max)
Ht (Max)
X
Y
Z
0420
4.2
2.0
5.2
3.0
2.0
0520
5.3
2.0
6.0
3.9
2.0
0530
5.3
3.0
6.0
3.9
2.0
Shielded Surface Mount
Power Inductors
Model HM66A
Make Possible
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +85°C
Operating Frequency Up to 3MHz
RoHS Compliant
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
Specifications @ 25°C
A) Case Size 0420/0520/0530
Part Number
Inductance(1)
(μH)
DCR
Max
(Ω)
Rated (3)
Current
(A)
Part Number
Inductance(1)
(μH)
DCR
Max
(Ω)
Rated (3)
Current
(A)
HM66A-04201R0NLF
1.0
0.058
1.50
HM66A-05204R7MLF
4.7
0.087
1.14
HM66A-04201R2NLF
1.2
0.070
1.40
HM66A-05206R8MLF
6.8
0.105
0.95
HM66A-04202R2NLF
2.2
0.082
1.00
HM66A-0520100MLF
10
0.150
0.76
HM66A-04203R3NLF
3.3
0.105
0.92
HM66A-0520150MLF
15
0.210
0.63
HM66A-04203R9NLF
3.9
0.120
0.80
HM66A-0520220MLF
22
0.275
0.56
HM66A-04204R7NLF
4.7
0.150
0.76
HM66A-0520270MLF
27
0.452
0.48
HM66A-04205R6NLF
5.6
0.180
0.69
HM66A-0520330MLF
33
0.455
0.44
HM66A-04206R8NLF
6.8
0.220
0.62
HM66A-0520470MLF
47
0.730
0.35
HM66A-04208R2NLF
8.2
0.240
0.56
HM66A-05301R2MLF
1.2
0.022
3.80
HM66A-0420100MLF
10
0.255
0.50
HM66A-05302R2MLF
2.2
0.029
2.41
HM66A-0420150MLF
15
0.390
0.40
HM66A-05303R3MLF
3.3
0.034
2.36
HM66A-0420220MLF
22
0.610
0.32
HM66A-05304R7MLF
4.7
0.045
1.87
HM66A-0420330MLF
33
0.920
0.28
HM66A-05306R8MLF
6.8
0.068
1.51
HM66A-0420470MLF
47
1.130
0.20
HM66A-0530100MLF
10
0.090
1.33
HM66A-0420680MLF
68
1.520
0.15
HM66A-0530150MLF
15
0.142
1.05
HM66A-0420101MLF
100
2.120
0.10
HM66A-0530220MLF
22
0.208
0.86
HM66A-05201R2MLF
1.2
0.044
2.15
HM66A-0530330MLF
33
0.257
0.72
HM66A-05202R0MLF
2.0
0.046
1.90
HM66A-0530470MLF
47
0.352
0.62
HM66A-05202R2MLF
2.2
0.059
1.63
HM66A-0530680MLF
68
0.525
0.51
HM66A-05203R3MLF
3.3
0.062
1.50
HM66A-0530101MLF
100
0.801
0.43
HM66A-05204R1MLF
4.1
0.081
1.20
HM66A-0530222MLF
2200
19.000
0.05
Outline Dimensions (mm)
Top View
Side View
Bottom View
Recommended
PCB Layout


Similar Part No. - HM66A-1050270NLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM66A-0420100MLF TTELEC-HM66A-0420100MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-0420101MLF TTELEC-HM66A-0420101MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-0420150MLF TTELEC-HM66A-0420150MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-04201R0NLF TTELEC-HM66A-04201R0NLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-04201R2NLF TTELEC-HM66A-04201R2NLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
More results

Similar Description - HM66A-1050270NLF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
   Shielded Surface Mount Power Inductors
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
   SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
   Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
   Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
   Shielded Surface Mount Power Inductors
KMP_4500 MURATA-KMP_4500 Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com