Electronic Components Datasheet Search |
|
TMS320C6203GJC100 Datasheet(PDF) 1 Page - Texas Instruments |
|
TMS320C6203GJC100 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 70 page TMS320C6205 FIXED-POINT DIGITAL SIGNAL PROCESSOR SPRS106E − OCTOBER 1999 − REVISED MARCH 2004 1 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 D High-Performance Fixed-Point Digital Signal Processor (DSP) − TMS320C6205 − 5-ns Instruction Cycle Time − 200-MHz Clock Rate − Eight 32-Bit Instructions/Cycle − 1600 MIPS D VelociTI Advanced-Very-Long-Instruction- Word (VLIW) TMS320C62x DSP Core − Eight Highly Independent Functional Units: − Six ALUs (32-/40-Bit) − Two 16-Bit Multipliers (32-Bit Result) − Load-Store Architecture With 32 32-Bit General-Purpose Registers − Instruction Packing Reduces Code Size − All Instructions Conditional D Instruction Set Features − Byte-Addressable (8-, 16-, 32-Bit Data) − 8-Bit Overflow Protection − Saturation − Bit-Field Extract, Set, Clear − Bit-Counting − Normalization D 1M-Bit On-Chip SRAM − 512K-Bit Internal Program/Cache (16K 32-Bit Instructions) − 512K-Bit Dual-Access Internal Data (64K Bytes) − Organized as Two 32K-Byte Blocks for Improved Concurrency D 32-Bit External Memory Interface (EMIF) − Glueless Interface to Synchronous Memories: SDRAM or SBSRAM − Glueless Interface to Asynchronous Memories: SRAM and EPROM − 52M-Byte Addressable External Memory Space D Four-Channel Bootloading Direct-Memory-Access (DMA) Controller With an Auxiliary Channel D Flexible Phase-Locked-Loop (PLL) Clock Generator D 32-Bit/33-MHz Peripheral Component Interconnect (PCI) Master/Slave Interface Conforms to: PCI Specification 2.2 Power Management Interface 1.1 Meets Requirements of PC99 − PCI Access to All On-Chip RAM, Peripherals, and External Memory (via EMIF) − Four 8-Deep x 32-Wide FIFOs for Efficient PCI Bus Data Transfer − 3.3/5-V PCI Operation − Three PCI Bus Address Registers: Prefetchable Memory Non-Prefetchable Memory I/O − Supports 4-Wire Serial EEPROM Interface − PCI Interrupt Request Under DSP Program Control − DSP Interrupt Via PCI I/O Cycle D Two Multichannel Buffered Serial Ports (McBSPs) − Direct Interface to T1/E1, MVIP, SCSA Framers − ST-Bus-Switching Compatible − Up to 256 Channels Each − AC97-Compatible − Serial-Peripheral-Interface (SPI) Compatible (Motorola) D Two 32-Bit General-Purpose Timers D IEEE-1149.1 (JTAG†) Boundary-Scan-Compatible D 288-Pin MicroStar BGA Package (GHK Suffix) D 0.15-µm/5-Level Metal Process − CMOS Technology D 3.3-V I/Os, 1.5-V Internal, 5-V Voltage Tolerance for PCI I/O Pins PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. VelociTI, TMS320C62x, and MicroStar BGA are trademarks of Texas Instruments. Motorola is a trademark of Motorola, Inc. † IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture. Copyright 2004, Texas Instruments Incorporated |
Similar Part No. - TMS320C6203GJC100 |
|
Similar Description - TMS320C6203GJC100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |