Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5904 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5904
Description  OPTOISOLATED FEEDBACK AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5904 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5904_12 Datasheet HTML 3Page - Texas Instruments TPS5904_12 Datasheet HTML 4Page - Texas Instruments TPS5904_12 Datasheet HTML 5Page - Texas Instruments TPS5904_12 Datasheet HTML 6Page - Texas Instruments TPS5904_12 Datasheet HTML 7Page - Texas Instruments TPS5904_12 Datasheet HTML 8Page - Texas Instruments TPS5904_12 Datasheet HTML 9Page - Texas Instruments TPS5904_12 Datasheet HTML 10Page - Texas Instruments TPS5904_12 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPS5904, TPS5904A
OPTOISOLATED FEEDBACK AMPLIFIERS
SOES016D − MAY 1995 − REVISED JANUARY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 15
150
100
50
0
300
12
5
10
20
30
250
200
CURRENT TRANSFER RATIO
vs
INPUT LIGHT-EMITTING-DIODE CURRENT
50
3
II(LED) − Input Light-Emitting-Diode Current − mA
VCE = 5 V
Figure 16
0.14
0.12
0.10
0.08
− 50
− 25
0
0.16
0.18
COLLECTOR-TO-EMITTER SATURATION VOLTAGE
vs
FREE-AIR TEMPERATURE
0.20
25
50
75
100
TA − Free-Air Temperature − °C
II(LED) = 10 mA
IC = 1 mA
30
20
10
0
0.8
0.9
1
40
50
INPUT LIGHT-EMITTING-DIODE FORWARD CURRENT
vs
LIGHT-EMITTING-DIODE FORWARD VOLTAGE
60
1.1
1.2
1.3
1.4
VF − Light-Emitting-Diode Forward Voltage − V
TA = − 25°C
TA = 25°C
TA = 75°C
Figure 17


Similar Part No. - TPS5904_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5904A TI-TPS5904A Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results

Similar Description - TPS5904_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5910 TI-TPS5910 Datasheet
155Kb / 11P
[Old version datasheet]   TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com