Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56364 Datasheet(PDF) 1 Page - Motorola, Inc

Part # DSP56364
Description  24-Bit Audio Digital Signal Processor
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56364 Datasheet(HTML) 1 Page - Motorola, Inc

  DSP56364 Datasheet HTML 1Page - Motorola, Inc DSP56364 Datasheet HTML 2Page - Motorola, Inc DSP56364 Datasheet HTML 3Page - Motorola, Inc DSP56364 Datasheet HTML 4Page - Motorola, Inc DSP56364 Datasheet HTML 5Page - Motorola, Inc DSP56364 Datasheet HTML 6Page - Motorola, Inc DSP56364 Datasheet HTML 7Page - Motorola, Inc DSP56364 Datasheet HTML 8Page - Motorola, Inc DSP56364 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 162 page
background image
This document contains information on a new product. Specifications and information herein are subject to change without notice.
IMOTOROLA
DSP56364 Advance Information
1
Overview
The DSP56364 supports digital audio applications requiring sound field processing,
acoustic equalization, and other digital audio algorithms. The DSP56364 uses the
high performance, single-clock-per-cycle DSP56300 core family of programmable
CMOS digital signal processors (DSPs) combined with the audio signal processing
capability of the Motorola Symphony™ DSP family, as shown in Figure 1. This
design provides a two-fold performance increase over Motorola’s popular
Symphony family of DSPs while retaining code compatibility. Significant
architectural enhancements include a barrel shifter, 24-bit addressing, instruction
cache, and direct memory access (DMA). The DSP56364 offers 100 million
instructions per second (MIPS) using an internal 100 MHz clock at 3.3 V.
Data Sheet Conventions
This data sheet uses the following conventions:
OVERBAR
Used to indicate a signal that is active when pulled low (For
example, the RESET pin is active when low.)
“asserted”
Means that a high true (active high) signal is high or that a low
true (active low) signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low
true (active low) signal is high
Examples:
Signal/
Symbol
Logic State
Signal State
Voltage*
PIN
True
Asserted
VIL / VOL
PIN
False
Deasserted
VIH / VOH
PIN
True
Asserted
VIH / VOH
PIN
False
Deasserted
VIL / VOL
Note: *Values for VIL, VOL, VIH, and VOH are defined by individual product
specifications.
Advance Information
DSP56364/D
Rev. 3.2, 08/2003
24-Bit Audio Digital
Signal Processor
Topic
Page
Overview ..................................... i
Features .................................... ii
Signal/Connection
Descriptions .......................1-1
Specifications ..........................2-1
Packaging ...............................3-1
Design Considerations ...........4-1
Ordering Information ...............5-1
IBIS Model ............................. A-1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56364

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
logo
Freescale Semiconductor...
DSP56364P FREESCALE-DSP56364P Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56364P NXP-DSP56364P Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
logo
Freescale Semiconductor...
DSP56364UM FREESCALE-DSP56364UM Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
More results

Similar Description - DSP56364

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
logo
Freescale Semiconductor...
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
DSPB56364AF100 FREESCALE-DSPB56364AF100 Datasheet
1Mb / 148P
   24-Bit Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com