Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56428 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS56428
Description  4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56428 Datasheet(HTML) 5 Page - Texas Instruments

  TPS56428_16 Datasheet HTML 1Page - Texas Instruments TPS56428_16 Datasheet HTML 2Page - Texas Instruments TPS56428_16 Datasheet HTML 3Page - Texas Instruments TPS56428_16 Datasheet HTML 4Page - Texas Instruments TPS56428_16 Datasheet HTML 5Page - Texas Instruments TPS56428_16 Datasheet HTML 6Page - Texas Instruments TPS56428_16 Datasheet HTML 7Page - Texas Instruments TPS56428_16 Datasheet HTML 8Page - Texas Instruments TPS56428_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS56428
www.ti.com
SLVSBV4B – APRIL 2013 – REVISED OCTOBER 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
18
V
VBST
–0.1
24
VBST (10 ns transient)
-0.1
27
VBST(vs SW)
–0.1
6.0
PG
–0.1
5.7
VI
Input voltage range
EN
–0.1
18
V
VFB
–0.1
5.5
SW
–1.8
18
SW (10 ns transient)
–3
21
GND
–0.1
0.1
VO
Output voltage range
VREG5
–0.1
5.7
V
IO
Output Current range
IVREG5
0
5
mA
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
7.4 Thermal Information
TPS56428
THERMAL METRIC(1)
DDA
RHL
UNIT
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
44.4
45.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.6
50.7
°C/W
RθJB
Junction-to-board thermal resistance
27.8
21.4
°C/W
ψJT
Junction-to-top characterization parameter
8.7
0.9
°C/W
ψJB
Junction-to-board characterization parameter
27.7
21.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.3
3.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5 V,
IVIN
Operating - non-switching supply current
170
350
μA
VFB = 0.7 V
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.8
10
μA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
180
350
700
k
Ω
VFB VOLTAGE AND DISCHARGE RESISTANCE
TA = 25°C, VO = 1.05 V, IO = 10 mA,
606
advanced Eco-mode™ operation
TA = 25°C, VO = 1.05 V, continuous mode
VFBTH
VFB threshold voltage
mV
593
600
607
operation
TA = –40°C to 85°C , VO = 1.05V, continuous
588
600
612
mode operation(1)
IVFB
VFB input current
VFB = 0.7 V, TA = 25°C
0
±0.15
µA
(1)
Not production tested.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS56428


Similar Part No. - TPS56428_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56428 TI-TPS56428_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
More results

Similar Description - TPS56428_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56428 TI-TPS56428_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com