Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57140-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57140-EP
Description  1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57140-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS57140-EP Datasheet HTML 4Page - Texas Instruments TPS57140-EP Datasheet HTML 5Page - Texas Instruments TPS57140-EP Datasheet HTML 6Page - Texas Instruments TPS57140-EP Datasheet HTML 7Page - Texas Instruments TPS57140-EP Datasheet HTML 8Page - Texas Instruments TPS57140-EP Datasheet HTML 9Page - Texas Instruments TPS57140-EP Datasheet HTML 10Page - Texas Instruments TPS57140-EP Datasheet HTML 11Page - Texas Instruments TPS57140-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
0
500
1000
1500
2000
2500
0
25
50
75
100
125
150
175
200
RT/CLK-Resistance-kW
V =12V,
T =25°C
I
J
0
200
400
600
800
1000
100
200
300
400
500
600
700
800
900
1000
RT/CLK-Resistance-kW
V =12V,
T =25°C
I
J
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
2
2.5
3
3.5
D003
VI = 12 V
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
550
560
570
580
590
600
610
D004
VI = 12 V
RT = 200K:
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
0
125
250
375
500
D001
BOOT-PH = 3V
BOOT-PH = 6V
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
0.784
0.792
0.8
0.808
0.816
D002
VI = 12 V
TPS57140-EP
SLVSD01A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Typical Characteristics
Figure 3. Voltage Reference vs Junction Temperature
Figure 2. On Resistance vs Junction Temperature
Figure 4. Switch Current Limit vs Junction Temperature
Figure 5. Switching Frequency vs Junction Temperature
Figure 6. Switching Frequency vs RT/CLK Resistance, High-
Figure 7. Switching Frequency vs RT/CLK Resistance, Low-
Frequency Range
Frequency Range
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS57140-EP


Similar Part No. - TPS57140-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
More results

Similar Description - TPS57140-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com