Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57140MDRCREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57140MDRCREP
Description  1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57140MDRCREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS57140MDRCREP Datasheet HTML 7Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 8Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 9Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 10Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 11Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 12Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 13Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 14Page - Texas Instruments TPS57140MDRCREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
30
35
40
45
50
55
60
D018
V(SS/TR) = 0.2 V
VI = 12 V
0
200
400
600
800
0
600
100
200
300
400
Voltage Sense (mV)
500
V
IN = 12 V
T
J = 25°C
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
1.7
1.9
2.1
2.3
2.5
D016
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
2
2.25
2.5
2.75
3
D017
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
85
90
95
100
105
110
115
120
125
D015
VI = 12V
VSENSE Rising
VSENSE Falling
VSENSE Rising
VSENSE Falling
TJ - Junction Temperature - °C
-65
-40
-15
10
35
60
85
110
135
160
0
20
40
60
80
100
D014
VI = 12 V
TPS57140-EP
www.ti.com
SLVSD01A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 20. PWRGD On Resistance vs Junction Temperature
Figure 21. PWRGD Threshold vs Junction Temperature
Figure 22. BOOT-PH UVLO vs Junction Temperature
Figure 23. Input Voltage (UVLO) vs Junction Temperature
Figure 24. SS/TR to VSENSE Offset vs VSENSE
Figure 25. SS/TR to VSENSE Offset vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS57140-EP


Similar Part No. - TPS57140MDRCREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140QDGQRQ1 TI1-TPS57140QDGQRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results

Similar Description - TPS57140MDRCREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com