Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4271-10AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C4271-10AI
Description  16K/32K x 9 Deep Sync FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4271-10AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C4271-10AI Datasheet HTML 1Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 2Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 3Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 4Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 5Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4271-10AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C4261
CY7C4271
Document #: 38-06015 Rev. *B
Page 5 of 18
Figure 2. Block Diagram of 16K × 18/32K × 18 Deep Sync FIFO Memory Used in a Width-Expansion Configuration
FF
FF
EF
EF
WRITECLOCK (WCLK)
WRITE ENABLE 1(WEN1)
WRITE ENABLE 2/LOAD
(WEN2/LD)
PROGRAMMABLE(PAF)
FULL FLAG (FF)# 1
CY7C4261/71
9
18
DATA IN (D)
RESET (RS)
9
RESET (RS)
READ CLOCK (RCLK)
READ ENABLE 1 (REN1)
OUTPUT ENABLE (OE)
PROGRAMMABLE(PAE)
EMPTY FLAG (EF) #1
9
DATA OUT (Q)
918
Read Enable 2 (REN2)
CY7C4261/71
EMPTY FLAG (EF) #2
FULL FLAG (FF)# 2
Read Enable 2 (REN2)


Similar Part No. - CY7C4271-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4271-10AI CYPRESS-CY7C4271-10AI Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
More results

Similar Description - CY7C4271-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com