Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57160ZQDGQRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57160ZQDGQRQ1
Description  1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57160ZQDGQRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS57160ZQDGQRQ1 Datasheet HTML 1Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 2Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 3Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 4Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 5Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 6Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 7Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 8Page - Texas Instruments TPS57160ZQDGQRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
TPS57160-Q1
SLVSAP1E – DECEMBER 2010 – REVISED MARCH 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
–0.3
65
EN(2)
–0.3
5
BOOT
73
VSENSE
–0.3
3
Input voltage, VIN
V
COMP
–0.3
3
PWRGD
–0.3
6
SS/TR
–0.3
3
RT/CLK
–0.3
3.6
BOOT to PH
8
–0.6
65
Output voltage, VOUT
200 ns
–1
65
V
PH
30 ns
–2
65
Maximum dc voltage, TJ = –40°C
–0.85
Differential voltage, VDIFF
PAD to GND
±200
mV
EN
100
μA
BOOT
100
mA
Source current, ISOURCE
VSENSE
10
μA
PH
Current Limit
RT/CLK
100
μA
VIN
Current Limit
COMP
100
μA
Sink current, ISINK
PWRGD
10
mA
SS/TR
200
μA
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure beyond
absolute maximum rated conditions for extended periods may affect device reliability.
(2)
See the Enable and Adjusting Undervoltage Lockout section for details.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
All pins
±500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC
Corner pins (1, 5, 6, and
Q100-011
±750
10)
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating ambient temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS57160-Q1


Similar Part No. - TPS57160ZQDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57160QDGQRQ1 TI1-TPS57160QDGQRQ1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57160QDRCRQ1 TI1-TPS57160QDRCRQ1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results

Similar Description - TPS57160ZQDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS54160 TI-TPS54160_15 Datasheet
2Mb / 57P
[Old version datasheet]   TPS54160 1.5-A, 60-V, Step-Down DC/DC Converter with Eco-mode?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com