Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60130PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60130PWP
Description  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60130PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60130PWP Datasheet HTML 4Page - Texas Instruments TPS60130PWP Datasheet HTML 5Page - Texas Instruments TPS60130PWP Datasheet HTML 6Page - Texas Instruments TPS60130PWP Datasheet HTML 7Page - Texas Instruments TPS60130PWP Datasheet HTML 8Page - Texas Instruments TPS60130PWP Datasheet HTML 9Page - Texas Instruments TPS60130PWP Datasheet HTML 10Page - Texas Instruments TPS60130PWP Datasheet HTML 11Page - Texas Instruments TPS60130PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Figure 3
800
600
400
0
25
50
75
100
1000
1200
DISSIPATION DERATING CURVE
vs
FREE-AIR TEMPERATURE
1400
125
150
200
TA − Free-Air Temperature − °C
PWP Package
RθJA = 178°C/W
Figure 4
15
10
5
0
25
50
75
100
20
25
MAXIMUM CONTINUOUS DISSIPATION
vs
CASE TEMPERATURE
30
125
150
Measured with the exposed thermal pad
coupled to an infinite heat sink with a
thermally conductive compound (the thermal
conductivity of the compound is 0.815 W/m
°C)
The RθJC is 3.5°C/W
PWP package
TC − Case Temperature − °C
† Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150°C.
It is recommended not to exceed a junction temperature of 125
°C.
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI
2.7
5.4
V
Output current, IO
TPS60130 and TPS60131
300
mA
Output current, IO
TPS60132 and TPS60133
150
mA
Operating junction temperature, TJ
125
°C


Similar Part No. - TPS60130PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60130PWP TI-TPS60130PWP Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60130PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com