Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744W-120IND Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1744W-120IND
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1744W-120IND Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1744W-120IND Datasheet HTML 3Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 4Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 5Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 6Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 7Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 8Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 9Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 10Page - Dallas Semiconductor DS1744W-120IND Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
7 of 18
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………..………………………………………..-0.3V to +6.0V
Operating Temperature Range……………………………………...………………………………………...-40°C to +85°C
Storage Temperature Range…………………………………………………………………………………..-40°C to +85°C
Soldering Temperature…………………………………………….See IPC/JEDEC J-STD-020A (DIP Package) (Note 7)
This is a stress rating only and functional operation of the device at these or any other condition beyond those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time can affect reliability.
OPERATING RANGE
RANGE
TEMP RANGE
VCC
Commercial
0°C to +70°C
3.3V
±10% or 5V ±10%
Industrial
-40°C to +85°C
3.3V
±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
(TA = Over the operating range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
VIH
2.2
VCC + 0.3V
V
1
Logic 1 Voltage (All Inputs)
VCC = 5V
±10%
VCC = 3.3V
±10%
VIH
2.0
VCC + 0.3V
V
VIL
-0.3
0.8
V
Logic 0 Voltage (All Inputs)
VCC = 5V
±10%
VCC = 3.3V
±10%
VIL
0.3
0.6
V
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V
±10%, TA = Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
75
mA
2, 3
TTL Standby Current
( CE = VIH)
ICC1
6
mA
2, 3
CMOS Standby Current
( CE
³ VCC - 0.2V)
Icc2
4
mA
2, 3
Input Leakage Current (Any
Input)
IIL
-1
+1
mA
Output Leakage Current
(Any Output)
IOL
-1
+1
mA
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT = +2.1mA)
VOL
0.4
1
Write Protection Voltage
VPF
4.25
4.50
V
1
Battery Switchover Voltage
VSO
VBAT
1, 4


Similar Part No. - DS1744W-120IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744W-120IND MAXIM-DS1744W-120IND Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
ARTSCHIP ELECTRONICS CO...
DS1744W-120IND ARTSCHIP-DS1744W-120IND Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1744W-120IND++ MAXIM-DS1744W-120IND+ Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results

Similar Description - DS1744W-120IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com