Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60133PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60133PWP
Description  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60133PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS60133PWP Datasheet HTML 1Page - Texas Instruments TPS60133PWP Datasheet HTML 2Page - Texas Instruments TPS60133PWP Datasheet HTML 3Page - Texas Instruments TPS60133PWP Datasheet HTML 4Page - Texas Instruments TPS60133PWP Datasheet HTML 5Page - Texas Instruments TPS60133PWP Datasheet HTML 6Page - Texas Instruments TPS60133PWP Datasheet HTML 7Page - Texas Instruments TPS60133PWP Datasheet HTML 8Page - Texas Instruments TPS60133PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The devices feature the power-saving pulse-skip mode to extend battery life at light loads. TPS60130 and
TPS60132 include a low-battery comparator; TPS60131 and TPS60133 feature a power-good output. The logic
shut-down function reduces the supply current to 1
µA (max) and disconnects the load from the input. Special
current-control circuitry prevents excessive current from being drawn from the battery during startup. This dc/dc
converter requires no inductors and therefore EMI is of low concern. It is available in the small, thermally
enhanced 20-pin PowerPAD
t package (PWP).
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
ENABLE
FB
OUT
C1+
IN
C1−
PGND
PGND
GND
GND
LBI
LBO
OUT
C2+
IN
C2−
PGND
PGND
PWP PACKAGE
(TPS60130/TPS60132)
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
ENABLE
FB
OUT
C1+
IN
C1−
PGND
PGND
GND
GND
NC
PG
OUT
C2+
IN
C2−
PGND
PGND
PWP PACKAGE
(TPS60131/TPS60133)
(TOP VIEW)
Thermal Pad
AVAILABLE OPTIONS
TA
PART NUMBER†
PACKAGE
DEVICE FEATURES
TPS60130PWP
3-cell to 5 V, 300 mA
Low battery detector
−40
°C to 85°C
TPS60131PWP
PWP
20-Pin thermally
3-cell to 5 V, 300 mA
Power good detector
−40
°C to 85°C
TPS60132PWP
PWP
20-Pin thermally
enhanced TSSOP
3-cell to 5 V, 150 mA
Low battery detector
TPS60133PWP
enhanced TSSOP
3-cell to 5 V, 150 mA
Power good detector
† The PWP package is available taped and reeled. Add R suffix to device type (e.g. TPS60130PWPR) to order quanities of 2000
devices per reel.


Similar Part No. - TPS60133PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60133PWP TI-TPS60133PWP Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60133PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com