Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC336K010R0375 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPSC336K010R0375
Description  REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSC336K010R0375 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPSC336K010R0375 Datasheet HTML 3Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 4Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 5Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 6Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 7Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 8Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 9Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 10Page - Texas Instruments TPSC336K010R0375 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS60111
REGULATED 5V 150mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS216B − JUNE 1999 − JUNE 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
5.03
5.02
5.01
02
4
5.04
OUTPUT VOLTAGE
vs
TIME
5.05
610
t − Time −
µs
V(SKIP) = 0 V
VIN = 3.6 V
IO = 150 mA
CO = 22 µF + 10 µF
X5R ceramic
Constant
Frequency
Mode
8
Figure 14
5.03
5.01
4.99
010
20
30
5.05
OUTPUT VOLTAGE
vs
TIME
5.07
40
50
t − Time −
µs
V(SKIP) = VIN
VIN = 3.6 V
IO = 150 mA
Pulse-Skip Mode
Figure 15
5.01
200
100
0
0
2
4
6
8
10
12
5.02
5.04
t − Time − ms
LOAD TRANSIENT RESPONSE
5.05
14
16
18
20
300
5.03
V(SKIP) = 0 V
IO = 10 mA to 150 mA
VIN = 3.6 V
Constant
Frequency
Mode
Figure 16
5
200
100
0
0
2
4
6
8
10
12
5.02
5.06
t − Time − ms
LOAD TRANSIENT RESPONSE
5.08
14
16
18
20
300
5.04
V(SKIP) = VIN = 3.6 V
IO = 10 mA to 150 mA
Pulse-Skip Mode
†TC = 25°C, VCOM = VSYNC = 0 V, CIN = 15 µF, C1F and C2F = 2.2 µF (X7R ceramic), CO = 33 µF, unless otherwise noted


Similar Part No. - TPSC336K010R0375

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
More results

Similar Description - TPSC336K010R0375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
   Low noise charge pump DC/DC converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com