Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494C156K010AS Datasheet(PDF) 1 Page - Texas Instruments

Part # T494C156K010AS
Description  REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

T494C156K010AS Datasheet(HTML) 1 Page - Texas Instruments

  T494C156K010AS Datasheet HTML 1Page - Texas Instruments T494C156K010AS Datasheet HTML 2Page - Texas Instruments T494C156K010AS Datasheet HTML 3Page - Texas Instruments T494C156K010AS Datasheet HTML 4Page - Texas Instruments T494C156K010AS Datasheet HTML 5Page - Texas Instruments T494C156K010AS Datasheet HTML 6Page - Texas Instruments T494C156K010AS Datasheet HTML 7Page - Texas Instruments T494C156K010AS Datasheet HTML 8Page - Texas Instruments T494C156K010AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS60111
REGULATED 5V 150mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS216B − JUNE 1999 − JUNE 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Up to 150-mA Output Current
D Less Than 10-mVpp Output Voltage Ripple
D No Inductors Required/Low EMI
D Regulated 5-V ±4% Output
D Only Four External Components Required
D Up to 90% Efficiency
D 2.7-V to 5.4-V Input Voltage Range
D 60-µA Quiescent Supply Current
D 0.05-µA Shutdown Current
D Load Isolated in Shutdown
D Space-Saving Thermally-Enhanced TSSOP
PowerPAD
 Package
D Evaluation Module Available
(TPS60110EVM−132)
applications
Replaces DC/DC Converters With Inductors in
− Battery-Powered Applications
− Li-Ion Battery to 5-V Conversion
− Portable Instruments
− Battery-Powered Microprocessor
Systems
− Miniature Equipment
− Backup-Battery Boost Converters
− PDAs
− Laptops
− Handheld Instrumentation
− Medical Instruments
description
The TPS60111 step-up, regulated charge pump
generates a 5-V
±4% output voltage from a 2.7-V
to 5.4-V input voltage (three alkaline, NiCd, or
NiMH batteries; or, one lithium or lithium ion
battery). Output current is 150 mA from a 3-V
input. Only four external capacitors are needed to
build a complete low-noise dc/dc converter. The
push-pull operating mode of two single-ended
charge pumps assures the low output voltage
ripple as current is continuously transferred to the
output. From a 3-V input, the TPS60111 can start
into full load with loads as low as 33
Ω.
The TPS60111 features either constant frequency
mode to minimize noise and output voltage ripple
or the power-saving pulse-skip mode to extend
battery life at light loads. The TPS60111 switching
frequency is 300 kHz. The logic shutdown function
reduces the supply current to 1-
µA (max) and
disconnects the load from the input. Special
current-control circuitry prevents excessive cur-
rent from being drawn from the battery during
start-up. This dc/dc converter requires no
inductors and has low EMI. It is available in the
small 20-pin TSSOP PowerPAD
 package
(PWP).
Copyright
 1999 − 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
output voltage ripple
typical operating circuit
Figure 1
SKIP =COM = CLK = 0 V
VIN = 3.6 V
IO = 150 mA
CO = 22 µF + 10 µF
X5R Ceramic
5.2
5
5.05
5.1
5.15
4.8
4.85
4.9
4.95
5
2.5
0
0.5
1
1.5
2
3
3.5
4
4.5
t − Time −
µs
IN
IN
C1+
C1−
ENABLE
OUT
OUT
FB
C2+
C2−
SYNC
SKIP COM CLK
PGND GND
INPUT
2.7 V to
5.4 V
CIN
4.7
µF
OUTPUT
5 V
150 mA
CO
15
µF
C2F
1
µF
C1F
1
µF
+
OFF/ON
TPS60110
+


Similar Part No. - T494C156K010AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494C156K010AS KEMET-T494C156K010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494C156K010AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
   Low noise charge pump DC/DC converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com