Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4002-MS Datasheet(PDF) 4 Page - Formosa MS

Part # FM4002-MS
Description  SMD General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4002-MS Datasheet(HTML) 4 Page - Formosa MS

  FM4002-MS Datasheet HTML 1Page - Formosa MS FM4002-MS Datasheet HTML 2Page - Formosa MS FM4002-MS Datasheet HTML 3Page - Formosa MS FM4002-MS Datasheet HTML 4Page - Formosa MS FM4002-MS Datasheet HTML 5Page - Formosa MS FM4002-MS Datasheet HTML 6Page - Formosa MS FM4002-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
FM4001-MS
A1
FM4002-MS
A2
FM4003-MS
A3
FM4004-MS
A4
FM4005-MS
A5
FM4006-MS
A6
FM4007-MS
A7
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
Page 4
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
FM4001-MS THRU FM4007-MS
2
1
B
0.040 (1.00)
A
0.044 (1.10)
C
0.079 (2.00)
PACKAGE
SOD-123S
DS-121135
2011/10/17
2012/03/07
C
7
SMD General Purpose Rectifiers


Similar Part No. - FM4002-MS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4002-M FORMOSA-FM4002-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4002-M PACELEADER-FM4002-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4002-M LUGUANG-FM4002-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
logo
Formosa MS
FM4002-M FORMOSA-FM4002-M Datasheet
98Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON TIFIER
FM4002-MH FORMOSA-FM4002-MH Datasheet
78Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
More results

Similar Description - FM4002-MS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com