Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER302G Datasheet(PDF) 4 Page - Formosa MS

Part # HER302G
Description  Axial Leaded High Effciency Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER302G Datasheet(HTML) 4 Page - Formosa MS

  HER302G Datasheet HTML 1Page - Formosa MS HER302G Datasheet HTML 2Page - Formosa MS HER302G Datasheet HTML 3Page - Formosa MS HER302G Datasheet HTML 4Page - Formosa MS HER302G Datasheet HTML 5Page - Formosa MS HER302G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
HER301G
HER301G
HER302G
HER302G
HER303G
HER303G
HER304G
HER304G
HER305G
HER305G
HER306G
HER306G
HER307G
HER307G
HER308G
HER308G
Page 4
2
1
Taping & bulk specifications for AXIAL devices
52.4mm
A
OFF Center
both sids
1.0mm
6.3mm
Max OFF
Alignment
1.2mm
72mm DIA.
355mm
17mm DIA.
55mm Max.
17mm DIA.
71mm Max.
REEL PACKING
DO-201AD
1,200
10 mm
380 * 340 * 370
4,800
9.1
AMMO PACKING
DO-201AD
1,200
260 * 83 * 160
440 * 270 * 340
12,000
17.0
Formosa MS
DEVICE
CASE
TYPE
Q'TY 1
(PCS / REEL)
COMPONENT
SPACING
"A" in FIG. A
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
HER301G THRU HER308G
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222309
2008/02/10
2010/03/10
C
6
Axial Leaded High Effciency Rectifiers


Similar Part No. - HER302G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER302G JGD-HER302G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
RFE international
HER302G RFE-HER302G Datasheet
2Mb / 3P
   High Efficient Rectifier HER301G Through HER308G
26-09-2022
logo
Weitron Technology
HER302G WEITRON-HER302G Datasheet
218Kb / 2P
   High Efficiency Rectifier Glass Passivation Junction
logo
Jinan Jing Heng Electro...
HER302G JINGHENG-HER302G Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
HER302G GOOD-ARK-HER302G Datasheet
64Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER302G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER201G FORMOSA-HER201G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER501G FORMOSA-HER501G Datasheet
107Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151G FORMOSA-HER151G Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101 FORMOSA-HER101_17 Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151 FORMOSA-HER151_17 Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301 FORMOSA-HER301_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER501 FORMOSA-HER501_17 Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com