Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER505G Datasheet(PDF) 2 Page - Formosa MS

Part # HER505G
Description  Axial Leaded High Effciency Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER505G Datasheet(HTML) 2 Page - Formosa MS

  HER505G Datasheet HTML 1Page - Formosa MS HER505G Datasheet HTML 2Page - Formosa MS HER505G Datasheet HTML 3Page - Formosa MS HER505G Datasheet HTML 4Page - Formosa MS HER505G Datasheet HTML 5Page - Formosa MS HER505G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-201AD
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity: Color band denotes cathode end
Mounting Position : Any
Weight : Approximated 1.10 gram
Package outline
Page 2
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
Features
Axial lead type devices for through hole design.
High current capability.
Ultrafast recovery time for high efficiency.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen free parts, ex. HER501G-H.
Formosa MS
5.0A Axial
High
Efficiency Rectifiers-50-1000V
Leaded
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
O
Ambient temperature = 50 C
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
A
A
µA
pF
5.0
200
5.0
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
75
100
HER501G
HER502G
HER503G
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =5.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
HER505G
HER506G
400
600
280
420
1.30
-55 to +150
HER507G
HER508G
800
1000
560
700
50
75
50
100
200
400
600
800
1000
1.00
1.85
HER504
300
210
300
Storage temperature
T
STG
OC
+175
-65
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
G
HER501G THRU HER508G
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222310
2008/02/10
2010/03/10
C
6
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
t
rr
(ns)
*5
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Axial Leaded High Effciency Rectifiers


Similar Part No. - HER505G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER505G ETC-HER505G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Yangzhou yangjie electr...
HER505G YANGJIE-HER505G Datasheet
188Kb / 2P
   High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER505G TSC-HER505G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Guangdong Juxing Electr...
HER505G JUXING-HER505G Datasheet
837Kb / 2P
   Ultra Fast Rectifiers
logo
UNIOHM CORPORATION
HER505G UNIOHM-HER505G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER505G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER201G FORMOSA-HER201G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301G FORMOSA-HER301G Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151G FORMOSA-HER151G Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101 FORMOSA-HER101_17 Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151 FORMOSA-HER151_17 Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301 FORMOSA-HER301_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER501 FORMOSA-HER501_17 Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com