Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER506G Datasheet(PDF) 3 Page - Formosa MS

Part # HER506G
Description  Axial Leaded High Effciency Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER506G Datasheet(HTML) 3 Page - Formosa MS

  HER506G Datasheet HTML 1Page - Formosa MS HER506G Datasheet HTML 2Page - Formosa MS HER506G Datasheet HTML 3Page - Formosa MS HER506G Datasheet HTML 4Page - Formosa MS HER506G Datasheet HTML 5Page - Formosa MS HER506G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (HER501G THRU HER508G)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
O
Ambient Temperature, TA ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
6.0
5.0
4.0
3.0
2.0
1.0
single phase half wave 60Hz
resistive or inductive load
200
150
100
50
0
1
2
5
10
20
50
100
8.3ms single half sine-wave
(JEDEC Method)
DS-222310
2008/02/10
2010/03/10
C
6
Fig. 3 - Typical Instantaneour Forward
Characteristics
Instantaneous Forward Voltage, VF (Volts)
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Typical Reverse Characteristics
100
10
1.0
.1
.01
0
.2
.4
.6
.8
1.0
1.2 1.4 1.6 1.8
Pulse Width = 300us
1% Duty Cycle
TJ = 25
TJ = 25
TJ = 100
TJ = 125
1000
100
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
Fig. 6 - Test Circuit Diagram and Reverse
Recovery Time Characteristic
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
Reverse Voltage, VR (Volts)
Fig. 5 - Typical Junction Capacitance
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100


Similar Part No. - HER506G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER506G ETC-HER506G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Yangzhou yangjie electr...
HER506G YANGJIE-HER506G Datasheet
188Kb / 2P
   High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER506G TSC-HER506G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Guangdong Juxing Electr...
HER506G JUXING-HER506G Datasheet
837Kb / 2P
   Ultra Fast Rectifiers
logo
UNIOHM CORPORATION
HER506G UNIOHM-HER506G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER506G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER201G FORMOSA-HER201G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301G FORMOSA-HER301G Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151G FORMOSA-HER151G Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101 FORMOSA-HER101_17 Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER151 FORMOSA-HER151_17 Datasheet
99Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER301 FORMOSA-HER301_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER501 FORMOSA-HER501_17 Datasheet
106Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com