Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM104-S Datasheet(PDF) 2 Page - Formosa MS

Part # HFM104-S
Description  Chip High Effciency Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HFM104-S Datasheet(HTML) 2 Page - Formosa MS

  HFM104-S Datasheet HTML 1Page - Formosa MS HFM104-S Datasheet HTML 2Page - Formosa MS HFM104-S Datasheet HTML 3Page - Formosa MS HFM104-S Datasheet HTML 4Page - Formosa MS HFM104-S Datasheet HTML 5Page - Formosa MS HFM104-S Datasheet HTML 6Page - Formosa MS HFM104-S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.0A Surface Mount High
Effciency Rectifiers-50-1000V
Package outline
Page 2
Formosa MS
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
uA
OC
pF
1.0
30
5.0
+175
-65
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
20
150
HFM101-S
HFM102-S
HFM103-S
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
HFM104-S
HFM105-S
400
600
280
420
1.30
-55 to +150
HFM106-S
HFM107-S
800
1000
560
700
trr
(ns)
*5
50
75
50
100
200
400
600
800
1000
1.00
1.70
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge current capability.
Glass passivated chip junction.
Features
Ultrafast recovery time for high efficiency.
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen free parts, ex. HFM101-S-H.
HFM101-S THRU HFM107-S
Document ID
Issued Date
Revised Date
Revision
Page.
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
0.05 gram
DO-214AC / SMA-S
Approximated
0.213(5.4)
0.197(5.0)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.071(1.8)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
0.055(1.4)
0.063(1.6)
Dimensions in inches and (millimeters)
SMA-S
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
*5 Maximum Reverse recovery time, note 1
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
DS-121313
2009/02/10
2010/11/10
C
7
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Chip High Effciency Rectifiers


Similar Part No. - HFM104-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM104-L FORMOSA-HFM104-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
HFM104-M FORMOSA-HFM104-M Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
PACELEADER INDUSTRIAL
HFM104-M PACELEADER-HFM104-M Datasheet
306Kb / 2P
   ULTRA FAST RECOVER TYPE
logo
SHENZHEN YONGERJIA INDU...
HFM104-M WINNERJOIN-HFM104-M Datasheet
94Kb / 2P
   Ultra fast recovery type
logo
Microdiode Electronics ...
HFM104-M CHENDA-HFM104-M Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HFM104-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM301-BS FORMOSA-HFM301-BS Datasheet
112Kb / 7P
   Chip High Effciency Rectifiers
HFM101-MH1 FORMOSA-HFM101-MH1 Datasheet
58Kb / 7P
   Chip High Effciency Rectifiers
HFM201-BS FORMOSA-HFM201-BS Datasheet
98Kb / 7P
   Chip High Effciency Rectifiers
HFM101 FORMOSA-HFM101_17 Datasheet
57Kb / 7P
   Chip High Effciency Rectifiers
HFM201 FORMOSA-HFM201 Datasheet
59Kb / 7P
   Chip High Effciency Rectifiers
HFM201-S FORMOSA-HFM201-S Datasheet
58Kb / 7P
   Chip High Effciency Rectifiers
HFM101-MS FORMOSA-HFM101-MS Datasheet
59Kb / 7P
   SMD High Effciency Rectifiers
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
   Axial Leaded High Effciency Rectifiers
EF10A05F FORMOSA-EF10A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com