Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA159-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # INA159-EP
Description  PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA159-EP Datasheet(HTML) 4 Page - Texas Instruments

  INA159-EP_16 Datasheet HTML 1Page - Texas Instruments INA159-EP_16 Datasheet HTML 2Page - Texas Instruments INA159-EP_16 Datasheet HTML 3Page - Texas Instruments INA159-EP_16 Datasheet HTML 4Page - Texas Instruments INA159-EP_16 Datasheet HTML 5Page - Texas Instruments INA159-EP_16 Datasheet HTML 6Page - Texas Instruments INA159-EP_16 Datasheet HTML 7Page - Texas Instruments INA159-EP_16 Datasheet HTML 8Page - Texas Instruments INA159-EP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRICAL CHARACTERISTICS
INA159-EP
SBOS443 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
Boldface limits apply over the specified temperature range, TA = –55°C to +125°C.
At TA = +25°C, RL = 10 kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5 V,
unless otherwise noted.
INA159
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
OFFSET VOLTAGE(1)
RTO
VS = ±2.5 V, Reference and Input
Initial(1)
VOS
±100
±500
µV
Pins Grounded
Over Temperature
±1450
µV
vs Power Supply
PSRR VS = ±0.9 V to ±2.75 V
±20
±100
µV/V
Over Temperature
PSRR VS = ±0.9 V to ±2.75 V
±200
µV/V
Reference Divider Accuracy(2)
±0.002
±0.024
%
over Temperature
±0.002
±0.050
%
INPUT IMPEDANCE (3)
Differential
240
k
Common-Mode
60
k
INPUT VOLTAGE RANGE
RTI
Common-Mode Voltage Range
VCM
Positive
17.5
V
Negative
–12.5
V
Common-Mode Rejection Ratio
CMRR VCM = –10 V to +10 V, RS = 0 Ω
80
96
dB
over Temperature
74
94
dB
OUTPUT VOLTAGE NOISE (4)
RTO
f = 0.1 Hz to 10 Hz
10
µVPP
f = 10 kHz
30
nV/
√Hz
VREF2 = 4.096 V,
RL Connected to GND,
GAIN
(VIN+) – (VIN–) = –10 V to +10 V,
VCM = 0 V
Initial
G
0.2
V/V
Error
±0.005
±0.024
%
vs Temperature
±0.035
%
Nonlinearity
±0.0002
% of FS
OUTPUT
VREF2 = 4.096 V,
(V+) –
Voltage, Positive
(V+) – 0.1
V
RL Connected to GND
0.02
over Temperature
(V+) – 0.2
V
VREF2 = 4.096 V,
(V–) +
Voltage, Negative
(V–) + 0.048
V
RL Connected to GND
0.01
over Temperature
(V–) + 0.070
V
Current Limit, Continuous to Common
±60
mA
Capacitive Load
See Typical Characteristic
pF
Open-Loop Output Impedance
RO f = 1 MHz, IO = 0
110
FREQUENCY RESPONSE
Small-Signal Bandwidth
–3 dB
1.5
MHz
Slew Rate
SR
15
V/
µs
Settling Time, 0.01%
tS 4 V Output Step, CL = 100 pF
1
µs
(1)
Includes effects of amplifier input bias and offset currents.
(2)
Reference divider accuracy specifies the match between the reference divider resistors using the configuration in Figure 2.
(3)
Internal resistors are ratio matched but have 20% absolute value.
(4)
Includes effects of amplifier input current noise and thermal noise contribution of resistor network.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA159-EP


Similar Part No. - INA159-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
More results

Similar Description - INA159-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
246Kb / 14P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
   Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
logo
National Semiconductor ...
LMP8270 NSC-LMP8270 Datasheet
458Kb / 5P
   High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com