Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6203CWZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL6203CWZ-T7A
Description  Laser Driver Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6203CWZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL6203CWZ-T7A Datasheet HTML 2Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 3Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 4Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL6203CWZ-T7A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Supply Bypassing and Grounding
The resistance of bypass-capacitors and the inductance of
bonding wires prevent perfect bypass action, and 150mVP-P
noise on the power lines is common. There needs to be a
lossy bead inductance and secondary bypass on the supply
side to control signals from propagating down the wires.
Figure 20 shows the typical connection.
Also important is circuit-board layout. At the EL6203's
operating frequencies, even the ground plane is not low-
impedance. High frequency current will create voltage drops
in the ground plane. Figure 21 shows the output current
loops.
For the pushing current loop, the current flows through the
bypass capacitor, into the EL6203 supply pin, out the IOUT
pin to the laser, and from the laser back to the decoupling
capacitor. This loop should be small.
For the pulling current loop, the current flows into the IOUT
pin, out of the ground pin, to the laser cathode, and from the
laser diode back to the IOUT pin. This loop should also be
small.
Power Dissipation
With the high output drive capability, the EL6203 is possible
to exceed the 125°C “absolute-maximum junction
temperature” under certain conditions. Therefore, it is
important to calculate the maximum junction temperature for
the application to determine if the conditions need to be
modified for the oscillator to remain in the safe operating
area.
The maximum power dissipation allowed in a package is
determined according to:
where
PDMAX = Maximum power dissipation in the package
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The supply current of the EL6203 depends on the peak-to-
peak output current and the operating frequency which are
determined by resistors RAMP and RFREQ. The supply
current can be predicted approximately by the following
equation:
The power dissipation can be calculated from the following
equation:
Here, VSUP is the supply voltage. Figures 22 and 23 provide
a convenient way to see if the device will overheat. The
maximum safe power dissipation can be found graphically,
based on the package type and the ambient temperature. By
using the previous equation, it is a simple matter to see if PD
exceeds the device's power derating curve. To ensure
proper operation, it is important to observe the
recommended derating curve shown in Figures 22 and 23. A
flex circuit may have a higher
θ
JA, and lower power
dissipation would then be required.
FIGURE 20. RECOMMENDED SUPPLY BYPASSING
+5V
VS
L Series: 70
Ω reactance at 300MHz
0.1µF
CHIP
EL6203
GND
0.1µF
CHIP
FIGURE 21. OUTPUT CURRENT LOOPS
SINKING CURRENT LOOP
SOURCING CURRENT LOOP
SUPPLY
BYPASS
LASER
DIODE
RFREQ
RAMP
GND
P
DMAX
T
JMAX - TAMAX
Θ
JA
---------------------------------------------
=
I
SUP
31.25mA
1k
×
R
AMP
-------------------------------------------
30mA
1k
×
R
FREQ
---------------------------------- 0.6mA
++
=
P
D
V
SUP
I
SUP
×
=
FIGURE 22. PACKAGE POWER DISSIPATION vs
AMBIENT TEMPERATURE
0.6
0.5
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
488mW
5-P
in
SO
T-2
3
θ
JA =
25
6°C
/W
EL6203


Similar Part No. - EL6203CWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6203CWZ-T7A INTERSIL-EL6203CWZ-T7A Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203CWZ-T7A RENESAS-EL6203CWZ-T7A Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
More results

Similar Description - EL6203CWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com