Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD76DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD76DR
Description  3.3-V Full-Duplex RS-485 Transceivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD76DR Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD76DR Datasheet HTML 1Page - Texas Instruments SN65HVD76DR Datasheet HTML 2Page - Texas Instruments SN65HVD76DR Datasheet HTML 3Page - Texas Instruments SN65HVD76DR Datasheet HTML 4Page - Texas Instruments SN65HVD76DR Datasheet HTML 5Page - Texas Instruments SN65HVD76DR Datasheet HTML 6Page - Texas Instruments SN65HVD76DR Datasheet HTML 7Page - Texas Instruments SN65HVD76DR Datasheet HTML 8Page - Texas Instruments SN65HVD76DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
D
R
V
CC
Z
Y
B
A
DE
RE
GND
1
2
3
4
5
6
7
8
9
10
3
4
2
1
6
7
9
8
SN65HVD70, SN65HVD71, SN65HVD73, SN65HVD74, SN65HVD76, SN65HVD77
SLLSEI9E – MAY 2014 – REVISED OCTOBER 2014
www.ti.com
SN65HVD70, SN65HVD73, SN65HVD76
10-Pin MSOP, DGS Package
(Top View)
Pin Functions — MSOP–10
PIN
TYPE
DESCRIPTION
NAME
NO.
R
1
Digital output
Receive data output
RE
2
Digital input
Receive enable Low
DE
3
Digital input
Driver enable High
D
4
Digital input
Driver data input
GND
5
Reference potential
Local device ground
Y
6
Bus output
Digital bus output, Y (Complementary to Z)
Z
7
Bus output
Digital bus output, Z (Complementary to Y)
B
8
Bus input
Digital bus input, B (Complementary to A)
A
9
Bus input
Digital bus input, A (Complementary to B)
VCC
10
Supply
3-V to 3.6-V supply
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: SN65HVD70 SN65HVD71 SN65HVD73 SN65HVD74 SN65HVD76 SN65HVD77


Similar Part No. - SN65HVD76DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD76DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com