Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM23-BS Datasheet(PDF) 7 Page - Formosa MS

Part # SFM23-BS
Description  Chip Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM23-BS Datasheet(HTML) 7 Page - Formosa MS

  SFM23-BS Datasheet HTML 1Page - Formosa MS SFM23-BS Datasheet HTML 2Page - Formosa MS SFM23-BS Datasheet HTML 3Page - Formosa MS SFM23-BS Datasheet HTML 4Page - Formosa MS SFM23-BS Datasheet HTML 5Page - Formosa MS SFM23-BS Datasheet HTML 6Page - Formosa MS SFM23-BS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
SFM21-BS THRU SFM28-BS
DS-121442
2010/08/10
2011/07/22
B
7
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
at 245 5
for 5 sec.
V =80% rate at T =150
for 168 hrs.
Rated average rectifier current at T =25
for 500hrs.
T = 25 C, I = I
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±C
C
C
C
CC
C
C
O
O
O
O
O
OO
O
O
RJ
A
AF
O
SIG
A
A
O
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
JESD22-A102
Item Test
Conditions
Reference
High reliability test capabilities
Chip Super Fast Rectifiers


Similar Part No. - SFM23-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM23-B FORMOSA-SFM23-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - SFM23-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM31-BS FORMOSA-SFM31-BS Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM11-M FORMOSA-SFM11-M_17 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com