Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5608DHMPX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5608DHMPX
Description  Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608DHMPX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5608DHMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PRODUCT SPECIFICATION
FAN5608
4
REV. 1.0.3 6/28/04
Absolute Maximum Ratings
DC Electrical Characteristics
Recommended Operating Conditions
Notes:
1. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
2. Avoid positive polarity ESD stress at the cathode of the internal Schottky diode.
Parameter
Min
Typ
Max
Unit
VIN, A, B Voltage to GND
-0.3
6
V
VOUT to GND
-0.3
24
V
CH1, CH2 Voltage to GND
8
V
Any LED Short Circuit Duration (Anode to Cathode)
Indefinite
Lead Soldering Temperature (10 seconds)
300
°C
Thermal Resistance
θjc
8
°C/W
Operating Junction Temperature Range
150
°C
Storage Temperature Range
-55
150
°C
Electrostatic Discharge (ESD) Protection (Note 1, 2)
HBM
4
kV
CDM
1
(VIN = 2.7V to 5V, TA = 25°C, unless otherwise noted. Boldface values indicate specifications over the ambient
operating temperature.)
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Current Accuracy
A = HIGH,
B = HIGH
0.9
× INOM INOM = 20 1.1 × INOM mA
Channel to Channel Current Matching
A = HIGH,
B = HIGH
3
%
Efficiency (AVG)
VIN > 3.0V
80
%
Switching Frequency
0.5
MHz
Multiplication Ratio
FAN5608DMPX/
FAN5608MPX
900
1000
1100
FAN5608DHMPX/
FAN5608HMPX
850
1000
1150
Supply Current in OFF mode
VA = VB = 0V
0.1
µA
Input A1, A2 Threshold
Digital
Mode
High
VIN-0.7
VIN
V
Low
0
0.6
Analog Mode
1.2
Input B Threshold
Digital Mode
High
0.6
× VIN
VIN
V
Low
0
0.3
× VIN
Input A1, A2 Current
Digital Mode
VA = VIN
50
60
µA
VA = 0
0.1
µA
Input B1, B2 Current
Digital Mode
0.1
µA
Parameter
Min
Typ
Max
Unit
Input Voltage Range
2.7
5
V
Operating Ambient Temperature Range
-40
25
85
°C
Output Voltage Range
VIN
18
V


Similar Part No. - FAN5608DHMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

Similar Description - FAN5608DHMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com