Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR130-1.2S Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # BR130-1.2S
Description  Input under Voltage Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

BR130-1.2S Datasheet(HTML) 5 Page - Arch Electronics Corp.

  BR130-1.2S Datasheet HTML 1Page - Arch Electronics Corp. BR130-1.2S Datasheet HTML 2Page - Arch Electronics Corp. BR130-1.2S Datasheet HTML 3Page - Arch Electronics Corp. BR130-1.2S Datasheet HTML 4Page - Arch Electronics Corp. BR130-1.2S Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VER : A_1
update : 2015.03.16
DC-DC Brick
BR130 SERIES
36/60/72/100/132 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
MECHANICAL DIMENSION
BR130-3.3SB
PIN#
Single
1
+DC IN
2
ON / OFF CTL
3
-DC IN
4
-DC OUT
5
-Sense
6
TRIM
7
+Sense
8
+DC OUT
Note
1. All dimensions in mm [in.] Tolerances: x.x ± 0.5 mm [x.xx ± 0.02 in.] x.xx± 0.25 mm [x.xxx ± 0.010 in.]
2. Pin 1-3, 5-7 are 1.00 ± 0.05 mm [0.040 ± 0.002 in.] diameter with 2.00 ± 0.10 mm [0.080 ± 0.004 in.] diameter standoff shoulders.
Pin4 and pin8 are 1.50 ± 0.05 mm [0.060 ± 0.002 in.] diameter with 2.50 ± 0.10 mm [0.098 ± 0.004 in.] diameter standoff shoulders.
3. M3 Screw used to bolt unit’s baseplate to other surfaces (such as heatsink) must not exceed 3.00 mm (0.120 in.) depth below the
surface of baseplate.


Similar Part No. - BR130-1.2S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
More results

Similar Description - BR130-1.2S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
   Input Under-Voltage Protection
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com