Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR130-1.5S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # BR130-1.5S
Description  Input under Voltage Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

BR130-1.5S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  BR130-1.5S Datasheet HTML 1Page - Arch Electronics Corp. BR130-1.5S Datasheet HTML 2Page - Arch Electronics Corp. BR130-1.5S Datasheet HTML 3Page - Arch Electronics Corp. BR130-1.5S Datasheet HTML 4Page - Arch Electronics Corp. BR130-1.5S Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : A_1
update : 2015.03.16
DC-DC Brick
BR130 SERIES
36/60/72/100/132 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
DESCRIPTION
The BR130 series is a new generation isolated DC-DC converter that uses an
industry standard quarter-brick structure, and features high efficiency and
power density, operates from an input voltage range of 36 V to 75 V,
provides the rated output voltage of 1.2V / 1.5V / 1.8V / 2.5V / 3.3V and the
maximum output current of 30A / 40A.
ELECTRICAL SPECIFICATIONS
Conditions: TA = 25°C (77°F), Airflow = 1 m/s (200 LFM), Vin = 48 V, unless otherwise notes.
Model No.
BR130-
1.2S
BR130-
1.5S
BR130-
1.8S
BR130-
2.5S
BR130-
3.3S
BR130-
3.3SB
Max Output Wattage (W)
36W
60W
72W
100W
132W
Voltage (V.DC.)
48V (36~75V)
Current (A) (max)
1.3A
2A
2.4A
3.5A
4.5A
Input
No-Load Loss (W) (typ.)
1W
2W
2W
3.5W
3.6W
Voltage (V.DC.)
1.2V
1.5V
1.8V
2.5V
3.3V
Regulated Voltage Precision (max.)
3%
Current (A) (max.)
30A
40A
Line Regulation (LL-HL) (typ.)
0.2%
0.2%
1%
0.2%
0.2%
Load Regulation (0-100%) (typ.)
0.2%
0.3%
1%
0.3%
0.3%
Ripple & Noise (peak to peak) (typ.)
(Oscilloscope Bandwidth:20 MHz)
100 mV
100 mV
100 mV
100 mV
120 mV
Efficiency (typ.)
100% Load
89.5%
90.5%
91.5%
92%
93.5%
93.5%
(Vin = 48 V; TA=25°C (77°F))
50% Load
89.5%
91.5%
92%
92%
93.5%
93.5%
Output
20% Load
87%
87%
86.5%
87.5%
Over Power Protection
Hiccup mode
Over Current Protection
Hiccup mode
Over Voltage Protection
1.4~2.0V
(Hiccup mode)
1.8~2.5V
(Hiccup mode)
2.2~3.0V
(Hiccup mode)
3.0~3.8V
(Hiccup mode)
3.9~4.7V
(Hiccup mode)
Short Circuit Protection (max.)
Hiccup mode
Threshold:115~135°C (typ.) / Hysteresis:5°C (min.)
Protection
Over Temperature Protection
Self-recovery
(The values are obtained by measuring the temperature of the hottest power
component on the top surface of the converter.)
Isolation
Voltage (V.DC.)
1500 VDC (Functional Isolation)
Operating Temperature
-40°C…+85°C
Storage Temperature
-55°C…+125°C
Temperature Coefficient (max.)
0.02 % Vout / °C (TA = -40°C to +85°C (-40°F to +185°F ))
Humidity
95% RH
2.5
Million Hr
1.5
Million Hr
1.5
Million Hr
1.5
Million Hr
1.5
Million Hr
2.5
Million Hr
Environment
MTBF
(Telcordia SR332; 80% load; Airflow = 1.5m/s (300 LFM); TA = 40°C (104°F)
Safety
Agency Approvals
CE, UL, TUV
EMC
EMI (Conducted & Radiated Emission)
UL60950-1 and CSA C22.2 No. 60950-1-07
Dimension (L x W x H)
Tolerance
0.5 mm
BR130-3.3SB: 2.28 x 1.45 x 0.5 Inches ( 57.9 x 36.8 x 12.7 mm )
BR130-3.3S:
2.28 x 1.45 x 0.39 Inches ( 57.9 x 36.8 x 9.8 mm )
others:
2.28 x 1.45 x 0.38 Inches ( 57.9 x 36.8 x 9.7 mm )
Physical
Weight
38 g
38 g
38 g
38 g
40 g
58 g
Low level (V.DC.)
-0.7~1.2V
Remote
On/Off Voltage
High level (V.DC.)
3.5~12V
Other
On/Off Current
Low level (mA) (max.)
1mA
KEY FEATURES
 Input under Voltage Protection
 Over Current Protection (Hiccup Mode)
 Short Circuit Protection (Hiccup Mode)
 Over Voltage Protection (Hiccup Mode)
 Over Temperature Protection (Self-recovery)
 Remote ON/OFF Control
 Remote Sense
 Output Voltage Trim
 UL60950-1 and CSA C22.2 No. 60950-1-07
 Meet UL94V-0 Flammability Requirements
 Rohs6 Compliant
 Size: 2.28 x 1.45 x 0.38 Inches (others Model)
2.28 x 1.45 x 0.39 Inches (BR130-3.3S)
2.28 x 1.45 x 0.5 Inches (BR130-3.3SB)
 3-Years Product Warranty
BR130-1.2S / 1.5S / 1.8S / 2.5S / 3.3S
BR130-3.3SB


Similar Part No. - BR130-1.5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
More results

Similar Description - BR130-1.5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
   Input Under-Voltage Protection
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com