Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR130-2.5S Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # BR130-2.5S
Description  Input under Voltage Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

BR130-2.5S Datasheet(HTML) 4 Page - Arch Electronics Corp.

  BR130-2.5S Datasheet HTML 1Page - Arch Electronics Corp. BR130-2.5S Datasheet HTML 2Page - Arch Electronics Corp. BR130-2.5S Datasheet HTML 3Page - Arch Electronics Corp. BR130-2.5S Datasheet HTML 4Page - Arch Electronics Corp. BR130-2.5S Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VER : A_1
update : 2015.03.16
DC-DC Brick
BR130 SERIES
36/60/72/100/132 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
MECHANICAL DIMENSION
BR130-1.2S / BR130-1.5S / BR130-1.8S / BR130-2.5S / BR130-3.3S
PIN#
Single
1
+DC IN
2
ON / OFF CTL
3
-DC IN
4
-DC OUT
5
-Sense
6
TRIM
7
+Sense
8
+DC OUT
Note
1. All dimensions in mm [in.] Tolerances: x.x ± 0.5 mm [x.xx ± 0.02 in.] x.xx± 0.25 mm [x.xxx ± 0.010 in.]
2. Pin 1-3, 5-7 are 1.00 ± 0.05 mm [0.040 ± 0.002 in.] diameter with 2.00 ± 0.10 mm [0.080 ± 0.004 in.] diameter standoff shoulders.
Pin4 and pin8 are 1.50 ± 0.05 mm [0.060 ± 0.002 in.] diameter with 2.50 ± 0.10 mm [0.098 ± 0.004 in.] diameter standoff shoulders.


Similar Part No. - BR130-2.5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
More results

Similar Description - BR130-2.5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
   Input Under-Voltage Protection
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com