Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQF240U-24S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # MQF240U-24S
Description  U Bracket Medical Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQF240U-24S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  MQF240U-24S Datasheet HTML 1Page - Arch Electronics Corp. MQF240U-24S Datasheet HTML 2Page - Arch Electronics Corp. MQF240U-24S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : PA_3
update : 2016.07.21
AC-DC Medical Switching Power Supply
MQF240U SERIES
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
MQF240U-12S
MQF240U-24S
MQF240U-48S
Safety
Approval
cUL / UL Standard:
UL 60950-1, CAN/CSA C22.2 No. 60950-1-07
ANSI/AAMI ES60601-1 (2005 + C1:09 + A2:10), CAN/CSA-C22.2 No. 60601-1
(2008), 2 x MOPP (Input to Output)
Conducted and radiated EMI
EN55011 class B
(Pending)
ESD
EN61000-4-2 air ± 8kV , Contact ± 4Kv
(Pending)
Radiated Immunity
EN61000-4-3 10V/m
(Pending)
Fast Transient
EN61000-4-4 ± 2kV
(Pending)
Surge
EN61000-4-5 ±1kV
(Pending)
Conducted Immunity
EN61000-4-6 10Vrms
(Pending)
PFMF
EN61000-4-8 30A/m
(Pending)
Dips
EN61000-4-11 30% 10ms
(Pending)
EMC
Interruption
EN61000-4-11 >95% 5000ms
(Pending)
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Hold-up Time measured at 90% Vout.
3. Main Vout must be >50% Load, 12V (Aux) / 0.5A.
4. Please check the derating curve for more details.
5. Strongly recommend to conduct this test with DC Voltage. If customer wishes to test with AC Voltage,
please disconnect all Y-Capacitors within Arch power supply.
DERATING


Similar Part No. - MQF240U-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQF240U-24S ARCH-MQF240U-24S Datasheet
386Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
More results

Similar Description - MQF240U-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ABR300U ARCH-ABR300U Datasheet
400Kb / 5P
   U Bracket Switching Power Supply
AES60U_SERIES ARCH-AES60U_SERIES Datasheet
232Kb / 2P
   U Bracket Switching Power Supply
AQFC480U_SERIES ARCH-AQFC480U_SERIES Datasheet
568Kb / 5P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U_16 Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
ABR300UC ARCH-ABR300UC Datasheet
422Kb / 6P
   U Bracket Switching Power Supply
ABR300U ARCH-ABR300U_18 Datasheet
490Kb / 6P
   U Bracket Switching Power Supply
logo
Vitec Power
SMUA60-SERIES Vitec-SMUA60-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
SMUA61-SERIES Vitec-SMUA61-SERIES Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com