Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5608DMPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5608DMPX
Description  Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608DMPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5608DMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PRODUCT SPECIFICATION
FAN5608
6
REV. 1.0.3 6/28/04
Digital Control
The FAN5608’s digital decoder allows selection of the fol-
lowing modes of operation: OFF, 5mA, 10mA, 20mA per
branch.
Analog Control
Inputs A1 and A2 are used to control the LED currents.
Inputs B1 and B2 should be connected to GND (logic level
“0”). An external resistor (R) is connected from A1 and/or
A2 to a stable voltage source (VExternal) to control the LED
current, ILED. The ILED can be determined using the formula
and the graph below:
Where VRef = 1.22V, VRef < VExternal < (VIN – 0.7V)
PWM Control in Digital Mode
The logic level HIGH, VH and logic level LOW, VL of the
PWM signal should be:
(VIN – 0.7V) < VH < VIN and 0 < VL < 0.6V
The frequency of the PWM signal should be within 50Hz to
1kHz range; it can go up to 30kHz at any input if the other
input is kept HIGH. In the case of FAN5608MPX and
FAN5608DMPX, the B1 and B2 inputs are internally con-
nected to GND and the PWM signal can be applied to A1
and A2 inputs only. Consequently, the maximum LED
current, for 100% duty cycle, is 5mA on each channel.
PWM Control in Analog Mode
The logic level HIGH, VH and logic level LOW, VL of the
PWM signal should be:
VRef < VH < (VIN – 0.7V) and 0 < VL < 0.6V
The frequency of the PWM signal should be within 50Hz
to 1kHz range. The VH sets the maximum LED current
while the duty cycle sets the average current between 0 and
ILEDmax.
If the analog inputs A1 and/or A2 are driven in digital mode
by an open drain output, it is important to choose the appro-
priate value of the pull-up resistor. Its resistance should be
low enough to ensure less than 0.7V dropout, hence VA >
(VIN – 0.7V) as required for HIGH logic level:
Open-Circuit Protection
A built-in over voltage protection circuit prevents the device
from being damaged when it is powered up with no load.
This circuit reduces the boost converter duty cycle, to a
minimum thus limiting the output voltage to a safe value
when no load condition is detected. If one of the two enable
branches is accidentally disconnected, the converter contin-
ues the operation, however, the current in the remaining
branch is no longer regulated and the actual branch current
will be determined by the input voltage, the inductor value
and the switching frequency.
However, the FAN5608 can be damaged when a full load
(more than six LEDs, driven by 20mA) is suddenly discon-
nected from VOUT. To protect the FAN5608 against this
unlikely event, an external 24V Zener diode can be con-
nected between VOUT and GND.
Shutdown Mode
Each branch can be independently disabled by applying
LOW logic level voltage to the A and B inputs. When both
branches are disabled, the FAN5608 enters Shutdown mode
and the supply current is reduced to less than 1
µA.
A
0101
B
0011
ILED
OFF
5mA
10mA
20mA
I
LED
V
External
V
Ref
R
-----------------------------------------

 Multiplication Ratio
×
=
0
5
10
15
20
25
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
VExternal (V)
R=10Kohm
R=100kohm
R
pull
up
700mV
60
µA
------------------
<
11.66k
=


Similar Part No. - FAN5608DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

Similar Description - FAN5608DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com