Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5608DMPX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5608DMPX
Description  Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608DMPX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5608DMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5608DMPX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FAN5608
PRODUCT SPECIFICATION
REV. 1.0.3 6/28/04
7
PWM Control
1. A is PWM Controlled, B is Low. ILED (Average) = δ x 5mA, where δ is Duty Cycle. (Note 3)
2. A is High and B is PWM. ILED (Average) = 5mA + δ x 15mA, where δ is Duty Cycle. (Note 4)
3. A and B are PWM. ILED (Average) = δ x 20mA, where δ is Duty Cycle. (Note 5)
Notes:
3. Proportionally select the duty cycle to achieve a typical LED current between 1mA to 4mA.
4. Maximum PWM frequency can be 30KHz.
5. Proportionally select the duty cycle to achieve a typical LED current between 1mA and 19mA.
1KHz
ss
ss
ss
30%
Duty Cycle
1KHz
70%
Duty Cycle
A Input (PWM)
B Input (0)
ss
OFF
ILED
0mA
ILED (Average) = 0.3 x 5mA = 1.5mA
ILED (Average) = 0.7 x 5mA = 3.5mA
B Input (PWM)
1KHz
1KHz
ss
ss
ss
ss
30%
Duty Cycle
70%
Duty Cycle
A Input
ss
OFF
ILED
0mA
ILED (Average) = 0.7 x 20mA + 0.3 x 5mA = 15.5mA
ILED (Average) = 0.3 x 20mA + 0.7 x 5mA = 9.5mA
B Input (PWM)
A Input (PWM)
ss
1KHz
1KHz
ss
ss
ss
ss
ss
30%
Duty Cycle
1KHz
30%
Duty Cycle
70%
Duty Cycle
1KHz
70%
Duty Cycle
ss
0mA
OFF
ILED (Average) = 0.3 x 20mA = 6mA
ILED (Average) = 0.7 x 20mA = 14mA
ILED


Similar Part No. - FAN5608DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

Similar Description - FAN5608DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com