Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLF30-48S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # PLF30-48S
Description  Fully Isolated Plastic Case with IP67 Level
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PLF30-48S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  PLF30-48S Datasheet HTML 1Page - Arch Electronics Corp. PLF30-48S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : B_2
update : 2015.05.15
LED Power
PLF30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
Note:
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Please check the derating curve for more details.
3. Input Voltage=115 or 230 VAC
。This is the suitable operation region for LED related application.but please reconfirm special electrical requirements
for some specific system design.
4. Please contact us for more information.
5. It's recommended to add Varistor 14S471K at L / N input side in parallel.
6. This driver is suggested for LED application only.
7. Direct connection to LEDs is suggested. Connecting additional drivers would not be appropriate.


Similar Part No. - PLF30-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PLF30-48S ARCH-PLF30-48S Datasheet
274Kb / 2P
   LED Power
More results

Similar Description - PLF30-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PSF60 ARCH-PSF60_16 Datasheet
215Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF75 ARCH-PSF75_16 Datasheet
277Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
APF100 ARCH-APF100_16 Datasheet
181Kb / 3P
   Fully Isolated Plastic Case with IP67 Level
APF150 ARCH-APF150_16 Datasheet
181Kb / 3P
   Fully Isolated Plastic Case with IP67 Level
PLF60_SERIES ARCH-PLF60_SERIES Datasheet
310Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30_SERIES ARCH-PLF30_SERIES Datasheet
306Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF100 ARCH-PSF100_16 Datasheet
281Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF60 ARCH-PLF60_16 Datasheet
239Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF25 ARCH-PLF25_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
PLF16 ARCH-PLF16_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com