Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62160QDSGTQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62160QDSGTQ1
Description  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160QDSGTQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62160QDSGTQ1 Datasheet HTML 4Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 5Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 6Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 7Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 8Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 9Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 10Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 11Page - Texas Instruments TPS62160QDSGTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TPS62160-Q1
SLVSCK6 – DECEMBER 2014
www.ti.com
8.3 Feature Description
8.3.1 Enable / Shutdown (EN)
When Enable (EN) is set High, the device starts operation.
Shutdown is forced if EN is pulled Low with a shutdown current of typically 1.5 µA. During shutdown, the internal
power MOSFETs as well as the entire control circuitry are turned off. The internal resistive divider pulls down the
output voltage smoothly. If the EN pin is Low, an internal pull-down resistor of about 400 k
Ω is connected and
keeps it Low in case of floating pin.
Connecting the EN pin to an appropriate output signal of another power rail provides sequencing of multiple
power rails.
8.3.2 Softstart
The internal soft start circuitry controls the output voltage slope during startup. This avoids excessive inrush
current and ensures a controlled output voltage rise time. It also prevents unwanted voltage drops from high-
impedance power sources or batteries. When EN is set to start device operation, the device starts switching after
a delay of about 50 µs and VOUT rises with a slope of about 25 mV/µs. See Figure 26 and Figure 27 for typical
startup operation.
The TPS62160-Q1 can start into a pre-biased output. During monotonic pre-biased startup, the low-side
MOSFET is not allowed to turn on until the device's internal ramp sets an output voltage above the pre-bias
voltage.
8.3.3 Power Good (PG)
The TPS62160-Q1 has a built in power good (PG) function to indicate whether the output voltage has reached its
appropriate level or not. The PG signal can be used for startup sequencing of multiple rails. The PG pin is an
open-drain output that requires a pull-up resistor (to any voltage below 7 V). It can sink 2 mA of current and
maintain its specified logic low level. It is high impedance when the device is turned off due to EN, UVLO or
thermal shutdown.
8.3.4 Under Voltage Lockout (UVLO)
If the input voltage drops, the under voltage lockout prevents misoperation of the device by switching off both the
power FETs. The under voltage lockout threshold is set typically to 2.7 V. The device is fully operational for
voltages above the UVLO threshold and turns off if the input voltage trips the threshold. The converter starts
operation again once the input voltage exceeds the threshold by a hysteresis of typically 180 mV.
8.3.5 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 160°C
(typ), the device goes into thermal shut down. Both the high-side and low-side power FETs are turned off and PG
goes high impedance. When TJ decreases below the hysteresis amount, the converter resumes normal
operation, beginning with Soft Start. To avoid unstable conditions, a hysteresis of typically 20°C is implemented
on the thermal shut down temperature.
8.4 Device Functional Modes
8.4.1 Pulse Width Modulation (PWM) Operation
The TPS62160-Q1 operates with pulse width modulation in continuous conduction mode (CCM) with a nominal
switching frequency of about 2.25 MHz. The frequency variation in PWM is controlled and depends on VIN, VOUT
and the inductance. The device operates in PWM mode as long the output current is higher than half the
inductor's ripple current. To maintain high efficiency at light loads, the device enters Power Save Mode at the
boundary to discontinuous conduction mode (DCM). This happens if the output current becomes smaller than
half the inductor's ripple current.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62160-Q1


Similar Part No. - TPS62160QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160QDSGTQ1 TI1-TPS62160QDSGTQ1 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62160QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com