Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62150ARGTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62150ARGTT
Description  3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62150ARGTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62150ARGTT Datasheet HTML 1Page - Texas Instruments TPS62150ARGTT Datasheet HTML 2Page - Texas Instruments TPS62150ARGTT Datasheet HTML 3Page - Texas Instruments TPS62150ARGTT Datasheet HTML 4Page - Texas Instruments TPS62150ARGTT Datasheet HTML 5Page - Texas Instruments TPS62150ARGTT Datasheet HTML 6Page - Texas Instruments TPS62150ARGTT Datasheet HTML 7Page - Texas Instruments TPS62150ARGTT Datasheet HTML 8Page - Texas Instruments TPS62150ARGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V
fsw=1.25MHz
G001
22mF
1.8V / 1A
10mF
2.2mH
(3 .. 17)V
3.3nF
TPS62151
PVIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
100k
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
SLVSAL5D – NOVEMBER 2011 – REVISED SEPTEMBER 2016
TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm × 3-mm QFN Package
1
1 Features
1
DCS-Control™ Topology
Input Voltage Range: 3 V to 17 V
Up to 1-A Output Current
Adjustable Output Voltage From 0.9 V to 6 V
Pin-Selectable Output Voltage (nominal, + 5%)
Programmable Soft Start and Tracking
Seamless Power-Save Mode Transition
Quiescent Current of 17 µA (typ.)
Selectable Operating Frequency
Power-Good Output
100% Duty-Cycle Mode
Short-Circuit Protection
Overtemperature Protection
Pin to Pin Compatible with TPS62130 and
TPS62140
Available in a 3-mm × 3-mm, VQFN-16 Package
2 Applications
Standard 12-V Rail Supplies
POL Supply From Single or Multiple Li-Ion Battery
Solid-State Disk Drives
Embedded Systems
LDO Replacement
Mobile PCs, Tablets, Modems, Cameras
Server, Microserver
Data Terminal, Point of Sales (ePOS)
3 Description
The TPS6215x family is an easy-to-use synchronous
step down dc-dc converter optimized for applications
with high power density. A high switching frequency
of typically 2.5 MHz allows the use of small inductors
and provides fast transient response as well as high
output-voltage accuracy by the use of DCS-Control
topology.
With their wide operating input-voltage range of 3 V
to 17 V, the devices are ideally suited for systems
powered from either Li-Ion or other batteries as well
as from 12-V intermediate power rails. The devices
support up to 1-A continuous output current at output
voltages between 0.9 V and 6 V (in 100% duty-cycle
mode). The soft-start pin controls the output-voltage
start-up ramp, which allows operation as either a
standalone power supply or in tracking configurations.
Power sequencing is also possible by configuring the
enable (EN) and open-drain power-good (PG) pins.
In power-save mode, the devices draw quiescent
current of about 17 μA from VIN. Power-save-mode,
entered automatically and seamlessly if the load is
small, maintains high efficiency over the entire load
range. In shutdown mode, the device turns off and
current consumption is less than 2 μA.
The device, available in adjustable- and fixed-output-
voltage versions, comes in a 16-pin VQFN package
measuring 3 × 3 mm (RGT).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6215X
VQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
Typical Application Schematic
Efficiency vs Output Current
space


Similar Part No. - TPS62150ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150ARGT TI1-TPS62150ARGT Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62150ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com