Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62152RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62152RGTR
Description  3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62152RGTR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62152RGTR Datasheet HTML 1Page - Texas Instruments TPS62152RGTR Datasheet HTML 2Page - Texas Instruments TPS62152RGTR Datasheet HTML 3Page - Texas Instruments TPS62152RGTR Datasheet HTML 4Page - Texas Instruments TPS62152RGTR Datasheet HTML 5Page - Texas Instruments TPS62152RGTR Datasheet HTML 6Page - Texas Instruments TPS62152RGTR Datasheet HTML 7Page - Texas Instruments TPS62152RGTR Datasheet HTML 8Page - Texas Instruments TPS62152RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
4
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
SLVSAL5D – NOVEMBER 2011 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS62150 TPS62150A TPS62151 TPS62152 TPS62153
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE
Power Good Logic Level (EN=Low)
TPS62150
adjustable
High Impedance
TPS62150A
adjustable
Low
TPS62151
1.8 V
High Impedance
TPS62152
3.3 V
High Impedance
TPS62153
5.0 V
High Impedance
(1)
For more information about connecting pins, see the Detailed Description and Application and Implementation sections.
(2)
Connect FSW to VOUT or PG in this case.
(3)
An internal pull-down resistor keeps logic level low, if pin is floating.
6 Pin Configuration and Functions
RGT Package
16-Pin VQFN With Thermal Pad
Top View
Pin Functions
PIN(1)
I/O
DESCRIPTION
NO.
NAME
1,2,3
SW
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
4
PG
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires
pull-up resistor)
5
FB
I
Voltage feedback of adjustable version. Connect resistive voltage divider to this pin. It is recommended
to connect FB to AGND on fixed output voltage versions for improved thermal performance.
6
AGND
Analog Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
7
FSW
I
Switching Frequency Select (Low
≈ 2.5MHz, High ≈ 1.25MHz(2) for typical operation)(3)
8
DEF
I
Output Voltage Scaling (Low = nominal, High = nominal + 5%)(3)
9
SS/TR
I
Soft-Start / Tracking Pin. An external capacitor connected to this pin sets the internal voltage reference
rise time. It can be used for tracking and sequencing.
10
AVIN
I
Supply voltage for control circuitry. Connect to same source as PVIN.
11,12
PVIN
I
Supply voltage for power stage. Connect to same source as AVIN.
13
EN
I
Enable input (High = enabled, Low = disabled)(3)
14
VOS
I
Output voltage sense pin and connection for the control loop circuitry.
15,16
PGND
Power Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
Exposed
Thermal Pad
Must be connected to AGND (pin 6), PGND (pin 15,16) and common ground plane. See the Layout
Example. Must be soldered to achieve appropriate power dissipation and mechanical reliability.


Similar Part No. - TPS62152RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62152RGTR TI1-TPS62152RGTR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62152RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com